Electronic Components Datasheet Search
  English  ▼

X  

OR3TP12 Datasheet(PDF) 61 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 61 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 57Page - Agere Systems OR3TP12 Datasheet HTML 58Page - Agere Systems OR3TP12 Datasheet HTML 59Page - Agere Systems OR3TP12 Datasheet HTML 60Page - Agere Systems OR3TP12 Datasheet HTML 61Page - Agere Systems OR3TP12 Datasheet HTML 62Page - Agere Systems OR3TP12 Datasheet HTML 63Page - Agere Systems OR3TP12 Datasheet HTML 64Page - Agere Systems OR3TP12 Datasheet HTML 65Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 128 page
background image
Lucent Technologies Inc.
61
Data Sheet
ORCA OR3TP12 FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Target Controller Detailed Description (continued)
5-7362(F)
Figure 19. Target Write Single (FIFO Interface, Quad-Port)
Example: Target Write Memory Burst Transaction
Figure 20 shows the timing on the PCI bus for a Target memory write burst of four 32-bit words. The timing on the
PCI interface is typical for a medium-speed decode Target. Note that trdyn is asserted at the earliest possible time,
which is concurrent with assertion of devseln. In the example of a 4-word burst, the Target write FIFO is not filled,
so execution continues to completion. This would also be the case for a burst of any length when the FPGA appli-
cation is capable of unloading the FIFO as fast as the PCI interface is loading it. If the Target write FIFO becomes
full, the Target can disconnect without data on the first data word it cannot accept (twburstpendn = 1), or insert up
to eight wait-states (twburstpendn = 0).
The timing on the dual-port FIFO interface (Figure 21) shows the first indication to the FPGA application that a new
operation has begun by the assertion of Target request (treqn). When treqn is valid, the FPGA application begins
the command/address phase by asserting Target address enable (taenn) and accepting the command from bus
tcmd and address from bus datatofpga(x) (with fifo_sel = 1). A burst operation and dual-address indication
accompanies the address on datatofpgax[1] and datatofpgax[0] respectively. The FPGA application continues to
receives new address data (taenn asserted) on every clock until twlastcycn is asserted, indicating the end of the
command/address phase. See command/address section for notes regarding address transfer and alignment.
1
T0
T1
T2T3T4T5
0
1
4
5
0
CMD
ADRS0
ADRS1
D0
D1
fclk
tstatecntr
t_ready
treqn
tcmd
twdata
taenn
tw_emptyn
twdataenn
twlastcycn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com