Electronic Components Datasheet Search
  English  ▼

X  

OR3TP12 Datasheet(PDF) 38 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 38 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 34Page - Agere Systems OR3TP12 Datasheet HTML 35Page - Agere Systems OR3TP12 Datasheet HTML 36Page - Agere Systems OR3TP12 Datasheet HTML 37Page - Agere Systems OR3TP12 Datasheet HTML 38Page - Agere Systems OR3TP12 Datasheet HTML 39Page - Agere Systems OR3TP12 Datasheet HTML 40Page - Agere Systems OR3TP12 Datasheet HTML 41Page - Agere Systems OR3TP12 Datasheet HTML 42Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 128 page
background image
ORCA OR3TP12 FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
38
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Master Controller
Detailed Description (continued)
Termination
Once initiated, Master write operations will continue on
the PCI bus until either all write data is sent, an abort
occurs (either Master or Target), or the PCI bus’ reset
signal (rstn) is asserted. During aborts, the Master
address and write data FIFOs will be cleared, and the
FPGA application will be notified by the assertion of
fpga_msyserror.
If the Master write transaction is terminated with a retry
or disconnected by the external Target before all data
has been transferred, the Master will initiate another
Master write operation, continuing from that point using
a stored address pointer.
On the Master FIFO interface, the FPGA application
identifies the last data word by asserting mwlastcycn.
When this data word is transferred to the PCI bus, the
Master will terminate the PCI transaction normally. The
Master will inform the FPGA application of completion
by deasserting ma_fulln.
Reset
The FPGA application can apply a reset signal to place
the Master FIFO interface logic in a known state, which
clears all FIFOs and mstatecntr. The reset signal,
mfifoclrn, is asynchronous and therefore should be
asserted for a minimum of one clock cycle and deas-
serted for a minimum of one clock cycle before continu-
ing. This is not recommended to assert mfifoclrn while
a current PCI transaction is in progress (ma_fulln
asserted), since proper PCI bus termination is not
guaranteed. Only PCI rstn will reset the internal Master
PCI state machines, while a PCI transaction is in
progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com