Electronic Components Datasheet Search
  English  ▼

X  

OR3TP12 Datasheet(PDF) 4 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 4 Page - Agere Systems

  OR3TP12 Datasheet HTML 1Page - Agere Systems OR3TP12 Datasheet HTML 2Page - Agere Systems OR3TP12 Datasheet HTML 3Page - Agere Systems OR3TP12 Datasheet HTML 4Page - Agere Systems OR3TP12 Datasheet HTML 5Page - Agere Systems OR3TP12 Datasheet HTML 6Page - Agere Systems OR3TP12 Datasheet HTML 7Page - Agere Systems OR3TP12 Datasheet HTML 8Page - Agere Systems OR3TP12 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 128 page
background image
Tables
Page
Tables
Page
ORCA OR3TP12 FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
4
Lucent Technologies Inc.
List of Tables
Table 1. PCI Local Bus Data Rates ...........................1
Table 2.
ORCA PCI FPSC Solutions—
Available FPGA Resources ..................................1
Table 3. PCI Bus Command Descriptions ...............13
Table 4. Timing Budgets ..........................................17
Table 5. PCI Bus Pin Descriptions ...........................18
Table 6. Embedded Core/FPGA
Interface Signals ................................................21
Table 7. OR3TP12 FPGA/PCI Core
Interface Signal Locations..................................29
Table 8. PCI Bus Core Options Settable
via FPGA Configuration RAM Bits ....................31
Table 9. Index to State Sequence Tables.................33
Table 10. Bit Definitions for Master
Command/Address Phase .................................35
Table 11. Holding Registers,
Examples of Typical Operation...........................36
Table 12. Master State Counter (MStateCntr)
Values and the Corresponding Bus Data ...........36
Table 13. Dual-Port Master Writes...........................43
Table 14. Quad-Port Master Writes .........................43
Table 15. Dual-Port Master Read,
Specified Burst Length .......................................51
Table 16. Quad-Port Master Read,
Duplicate Burst Length.......................................52
Table 17. Quad-Port Master Read,
Specified Burst Length .......................................52
Table 18. Bit Destinations for Target
Command/Address Phase .................................54
Table 19. Target State Counter (TStateCntr)
Values and the Corresponding Bus Data ...........55
Table 20. Dual-Port Target Write..............................64
Table 21. Quad-Port Target Write ............................65
Table 22. Dual-Port Target Read .............................79
Table 23. Quad-Port Target Read ............................79
Table 24. Configuration Space Layout .....................82
Table 25. Configuration Space Assignment.............83
Table 26. Configuration Frame
Format and Contents .........................................89
Table 27. Configuration Frame Size.........................90
Table 28. Configuration Modes ................................90
Table 29. Absolute Maximum Ratings .....................91
Table 30. Recommend Operating Conditions ..........91
Table 31. Electrical Characteristics..........................92
Table 32. Derating for Commercial Devices
(I/O Supply VDD) ................................................93
Table 33. OR3TP12 PCI and FPGA Interface
Clock Operation Frequencies .............................95
Table 34. OR3TP12 FPGA to PCI, and PCI to
FPGA, Combinatorial Path Delays .....................95
Table 35. OR3TP12 FPGA Side Interface
Combinatorial Path Delay Signals......................96
Table 36. OR3TP12 Interbuf Delays ........................96
Table 37. OR3TP12 FPGA Side Interface Clock to
Output Delays, pciclk Synchronous Signals.......97
Table 38. OR3TP12 FPGA Side Interface Clock to
Output Delays, fclk Synchronous Signals ..........97
Table 39. OR3TP12 FPGA Side Interface Input
Setup Delays, pciclk Synchronous Signals ........98
Table 40. OR3TP12 FPGA Side Interface Input
Setup Delays, fclk Synchronous Signals............98
Table 41. FPGA Common-Function
Pin Descriptions ...............................................102
Table 42. OR3TP12 240-Pin SQFP2 Pinout..........105
Table 43. OR3TP12 256-Pin PBGA Pinout............109
Table 44. OR3TP12 352-Pin PBGA Pinout............113
Table 45.
ORCA OR3TP12 Plastic Package
Thermal Guidelines..........................................120
Table 46.
ORCA OR3TP12 Package Parasitics.....121
Table 47. Voltage Options ......................................126
Table 48. Temperature Options..............................126
Table 49. Package Options ....................................126
Table 50.
ORCA Series 3+ Package Matrix ...........126
Table 51. Embedded Core Type.............................126
Table 52. FPSC Base Array ...................................126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com