Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 180 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 180 Page - Texas Instruments

Back Button DM504 Datasheet HTML 176Page - Texas Instruments DM504 Datasheet HTML 177Page - Texas Instruments DM504 Datasheet HTML 178Page - Texas Instruments DM504 Datasheet HTML 179Page - Texas Instruments DM504 Datasheet HTML 180Page - Texas Instruments DM504 Datasheet HTML 181Page - Texas Instruments DM504 Datasheet HTML 182Page - Texas Instruments DM504 Datasheet HTML 183Page - Texas Instruments DM504 Datasheet HTML 184Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 211 page
background image
180
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2017, Texas Instruments Incorporated
1. Use lowest inductance footprint and trace connection scheme possible for given PCB technology and
layout area in order to minimize Dcap loop inductance to power pin as much as possible (see Figure 7-
9).
2. Place Dcaps on “same-side” as component within their power plane outline to minimize “decoupling
loop inductance”. Target distance to power pin should be less than ~500mils depending upon PCB
layout characteristics (plane's layer assignment and solid nature). Use PI modeling CAD tool to verify
minimum inductance for top vs bottom-side placement.
3. Place Dcaps on “opposite-side” as component within their power plane outline if “same-side” is not
feasible or if distance to power pin is greater than ~500mils for top-side location. Use PI modeling CAD
tool to verify minimum inductance for top vs bottom-side placement.
4. Use minimum 10mil trace width for all voltage and gnd planes connections (i.e. Dcap pads, component
power pins, etc.).
5. Place all voltage and gnd plane vias “as close as possible” to point of use (i.e. Dcap pads, component
power pins, etc.).
6. Use a “Power/Gnd pad/pin to via” ratio of 1:1 whenever possible. Do not exceed 2:1 ratio for small
number of vias within restricted PCB areas (i.e. underneath BGA components).
Frequency analysis for the CORE power domain (vdd) has yielded the Dcap Loop Inductance and
Impedance vs Frequency responses shown in Section 7.3.7.2, vdd Example Analysis.
7.2.5
System ESD Generic Guidelines
7.2.5.1
System ESD Generic PCB Guideline
Protection devices must be placed close to the ESD source which means close to the connector. This
allows the device to subtract the energy associated with an ESD strike before it reaches the internal
circuitry of the application board.
To help minimize the residual voltage pulse that will be built-up at the protection device due to its nonzero
turn-on impedance, it is mandatory to route the ESD device with minimum stub length so that the low-
resistive, low-inductive path from the signal to the ground is granted and not increasing the impedance
between signal and ground.
For ESD protection array being railed to a power supply when no decoupling capacitor is available in close
vicinity, consider using a decoupling capacitor (
≥ 0.1 µF) tight to the VCC pin of the ESD protection. A
positive strike will be partially diverted to this capacitance resulting in a lower residual voltage pulse.
Ensure that there is sufficient metallization for the supply of signals at the interconnect side (VCC and
GND in Figure 7-10) from connector to external protection because the interconnect may see between 15-
A to 30-A current in a short period of time during the ESD event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com