Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 178 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 178 Page - Texas Instruments

Back Button DM504 Datasheet HTML 174Page - Texas Instruments DM504 Datasheet HTML 175Page - Texas Instruments DM504 Datasheet HTML 176Page - Texas Instruments DM504 Datasheet HTML 177Page - Texas Instruments DM504 Datasheet HTML 178Page - Texas Instruments DM504 Datasheet HTML 179Page - Texas Instruments DM504 Datasheet HTML 180Page - Texas Instruments DM504 Datasheet HTML 181Page - Texas Instruments DM504 Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 211 page
background image
SPRS91v_PCB_FREQ_03
1.0e+01
1.0e+00
1.0e–01
1.0e–02
1.0e–03
1.0e–04
1.00e–002
1.00e+000
1.00e+002
Frequency (MHz)
1.00e+004
1.00e+006
1.00e+008
S-Parameter Magnitude
Job: GCM155R71E153KA55_15NF;
X =1/ C
C
ω
X = L
L
ω
Resonant frequency
(55 MHz) (minimum)
=
where :
æ
ö
-
ç
÷
è
ø
w =
2
2
1
Z
ESR +ωESL
ωC
2π
æ
ö
-
ç
÷
è
ø
2
1
ωESL
ωC
SPRS91v_PCB_FREQ_02
¦
C
ESL
ESR
SPRS91v_PCB_FREQ_01
178
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2017, Texas Instruments Incorporated
•
Decoupling capacitors must be carefully placed in order to minimize loop inductance impact on supply
voltage transients. A real capacitor has characteristics not only of capacitance but also inductance and
resistance.
Figure 7-6 shows the parasitic model of a real capacitor. A real capacitor must be treated as an RLC
circuit with effective series resistance (ESR) and effective series inductance (ESL).
Figure 7-6. Characteristics of a Real Capacitor With ESL and ESR
The magnitude of the impedance of this series model is given as:
Figure 7-7. Series Model Impedance Equation
Figure 7-8 shows the resonant frequency response of a typical capacitor with a self-resonant frequency of
55 MHz. The impedance of the capacitor is a combination of its series resistance and reactive capacitance
and inductance as shown in the equation above.
Figure 7-8. Typical Impedance Profile of a Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com