Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 203 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 203 Page - Texas Instruments

Back Button DM504 Datasheet HTML 199Page - Texas Instruments DM504 Datasheet HTML 200Page - Texas Instruments DM504 Datasheet HTML 201Page - Texas Instruments DM504 Datasheet HTML 202Page - Texas Instruments DM504 Datasheet HTML 203Page - Texas Instruments DM504 Datasheet HTML 204Page - Texas Instruments DM504 Datasheet HTML 205Page - Texas Instruments DM504 Datasheet HTML 206Page - Texas Instruments DM504 Datasheet HTML 207Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 211 page
background image
SPRS916_PACK_01
a
tzrYPPP
BBBBB
XXXXXXX
PIN ONE INDICATOR
O
G1
YYY
ZZZ
203
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Device and Documentation Support
Copyright © 2016–2017, Texas Instruments Incorporated
8.1.1
Standard Package Symbolization
Figure 8-1. Printed Device Reference
NOTE
Some devices have a cosmetic circular marking visible on the top of the device package
which results from the production test process. These markings are cosmetic only with no
reliability impact.
8.1.2
Device Naming Convention
Table 8-1. Nomenclature Description
FIELD
PARAMETER
FIELD DESCRIPTION
VALUES
DESCRIPTION
a
Device evolution stage
X
Prototype
P
Preproduction (production test flow, no
reliability data)
BLANK
Production
BBBBB
Base production part number
DM505
External DDR device
DM504
POP Memory device
t
Device Tier
S
Super
M
Mid
L
Low
z
Device Speed
B
Indicates the speed grade for each of the
cores in the device. For more information
see , Device Comparison Table and Table 5-
1, Speed Grade Maximum Frequency
R
r
Device revision
BLANK
SR 1.0
A
SR 1.0A
B
SR 2.0
Y
Device type
BLANK
Standard devices
E
Emulation (E) devices
J
JTAG lock & random key devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com