Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 199 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 199 Page - Texas Instruments

Back Button DM504 Datasheet HTML 195Page - Texas Instruments DM504 Datasheet HTML 196Page - Texas Instruments DM504 Datasheet HTML 197Page - Texas Instruments DM504 Datasheet HTML 198Page - Texas Instruments DM504 Datasheet HTML 199Page - Texas Instruments DM504 Datasheet HTML 200Page - Texas Instruments DM504 Datasheet HTML 201Page - Texas Instruments DM504 Datasheet HTML 202Page - Texas Instruments DM504 Datasheet HTML 203Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 211 page
background image
R
LOAD
cvideo_vfb
Reconstruction
Filter
~9.5 MHz
(A)
Amplifier
3.7 V/V
C
AC
(B)
75 W
R
OUT
cvideo_tvout
cvideo_vfb
Reconstruction
Filter
~9.5 MHz
(A)
C
AC
(B)
xi_oscj
vssa_oscj
Device
xo_oscj
C
f1
Crystal
Rd
C
f2
(Optional)
SPRS91v_PCB_CLK_OSC_03
199
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
j in *_osc = 0 or 1
Figure 7-22. Grounding Scheme for High-Frequency Clock
7.7
CVIDEO/SD-DAC Guidelines and Electrical Data/Timing
The device's analog video CVIDEO/SD-DAC TV analog composite output can be operate in one of two
modes: Normal mode and TVOUT Bypass mode. In Normal mode, the device’s internal video amplifier is
used. In TVOUT Bypass mode, the internal video amplifier is bypassed and an external amplifier is
required.
Figure 7-23 shows a typical circuit that permits connecting the analog video output from the device to
standard 75-Ω impedance video systems in Normal mode.
A.
Reconstruction Filter (optional)
B.
AC coupling capacitor (optional)
Figure 7-23. TV Output (Normal Mode)
Figure 7-24 shows a typical circuit that permits connecting the analog video output from the device to
standard 75-Ω impedance video systems in TVOUT Bypass mode.
A.
Reconstruction Filter (optional). Note: An amplifier with an integrated reconstruction filter can alternatively be used
instead of a discrete reconstruction filter.
B.
AC coupling capacitor (optional)
Figure 7-24. TV Output (TVOUT Bypass Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com