Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 196 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 196 Page - Texas Instruments

Back Button DM504 Datasheet HTML 192Page - Texas Instruments DM504 Datasheet HTML 193Page - Texas Instruments DM504 Datasheet HTML 194Page - Texas Instruments DM504 Datasheet HTML 195Page - Texas Instruments DM504 Datasheet HTML 196Page - Texas Instruments DM504 Datasheet HTML 197Page - Texas Instruments DM504 Datasheet HTML 198Page - Texas Instruments DM504 Datasheet HTML 199Page - Texas Instruments DM504 Datasheet HTML 200Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 211 page
background image
A
C
E
F
qspi1_sclk
R1
QSPI device
clock input
QSPI deice
IOx, CS#
qspi1_d[x], qspi1_cs[y]
0
*
SPRS91v_PCB_QSPI_01
196
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2017, Texas Instruments Incorporated
•
Propagation delays and matching:
–
A to C = E to F
–
Matching skew: < 60Ps
–
A to B < 450pS
Figure 7-20. QSPI Interface High Level Schematic Mode 3 (POL=1, PHA=1)
NOTE
*0 Ω resistor (R1), located as close as possible to the qspi1_sclk pin, is placeholder for fine-
tuning if needed.
7.5
Differential Interfaces
7.5.1
General Routing Guidelines
To maximize signal integrity, proper routing techniques for differential signals are important for high-speed
designs. The following general routing guidelines describe the routing guidelines for differential lanes and
differential signals.
•
As much as possible, no other high-frequency signals must be routed in close proximity to the
differential pair.
•
Must be routed as differential traces on the same layer. The trace width and spacing must be chosen
to yield the differential impedance value recommended.
•
Minimize external components on differential lanes (like external ESD, probe points).
•
Through-hole pins are not recommended.
•
Differential lanes mustn’t cross image planes (ground planes).
•
No sharp bend on differential lanes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com