Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 192 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 192 Page - Texas Instruments

Back Button DM504 Datasheet HTML 188Page - Texas Instruments DM504 Datasheet HTML 189Page - Texas Instruments DM504 Datasheet HTML 190Page - Texas Instruments DM504 Datasheet HTML 191Page - Texas Instruments DM504 Datasheet HTML 192Page - Texas Instruments DM504 Datasheet HTML 193Page - Texas Instruments DM504 Datasheet HTML 194Page - Texas Instruments DM504 Datasheet HTML 195Page - Texas Instruments DM504 Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 211 page
background image
192
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2017, Texas Instruments Incorporated
IR Drop: vdd_dspeve
Figure 7-16. vdd_dspeve Voltage/IR Drop [All Layers]
Dynamic analysis of this PCB design for the CORE power domain determined the vdd_dspeve decoupling
capacitor loop inductance and impedance vs frequency analysis shown below. As you can see, the loop
inductance values ranged from 0.68 –1.79nH and were less than maximum 2.0nH recommended.
Table 7-8. Decoupling Design Detail Summary
Cap Reference
Description
Loop Inductacne at
50MHz [nH]
Footprint Types
PCB Side
Distance to
Ball-Field [mils]
Value
Size
C5101
0.73
2vWEE
Bottom
82
0.1
0402
C5100
0.78
2vWEE
Bottom
107
0.1
0402
C5085
0.84
2vWEE
Bottom
35
0.1
0402
C5019
1.09
4vWE
Top
631
0.47
0603
C5111
1.09
4vWE
Bottom
681
0.1
0402
C5030
1.11
4vWE
Top
738
4.7
0805
C5037
1.11
4vWE
Top
563
2.2
0603
C5018
1.14
4vWE
Top
681
1
0603
C5021
1.17
4vWE
Top
761
0.22
0603
C5026
1.18
4vWE
Top
792
22
1206
C5079
1.32
4vWE
Bottom
542
0.1
0402
C5080
1.58
4vWE
Bottom
602
0.1
0402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com