Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 190 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 190 Page - Texas Instruments

Back Button DM504 Datasheet HTML 186Page - Texas Instruments DM504 Datasheet HTML 187Page - Texas Instruments DM504 Datasheet HTML 188Page - Texas Instruments DM504 Datasheet HTML 189Page - Texas Instruments DM504 Datasheet HTML 190Page - Texas Instruments DM504 Datasheet HTML 191Page - Texas Instruments DM504 Datasheet HTML 192Page - Texas Instruments DM504 Datasheet HTML 193Page - Texas Instruments DM504 Datasheet HTML 194Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 211 page
background image
190
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2017, Texas Instruments Incorporated
Via Technology: Through-hole
Copper Weight:
•
½ oz for all signal layers.
•
1-2oz for all power plane for improved PCB heat spreading.
7.3.7.2
vdd_dspeve Example Analysis
Maximum acceptable PCB resistance (Reff) between the PMIC and Processor input power balls should not
exceed 33mΩ per Table 7-3 and (7).
Maximum decoupling capacitance loop inductance (LL) between Processor input power balls and
decoupling capacitances should not exceed 2.5nH per Table 7-3 and (7) (ESL NOT included)
Impedance target for key frequency of interest between Processor input power balls and PMIC’s SMPS
output power balls should not exceed 54mΩ per Table 7-3 and (7).
Table 7-6. Example PCB vdd_dspeve PI Analysis Summary
Parameter
Recommendation
Example PCB
OPP
OPP_NOM
Clocking Rate
500 MHz
Voltage Level
1 V
1 V
Max Current Draw
1 A
1 A
Max Effective Resistance: Power
Inductor Segment Total Reff
13 mΩ
11.4mΩ
Max Loop Inductance
< 2.5 nH
0.73 - 1.58 nH
Impedance Target
54 mΩ for F < 20 MHz
28.8 mΩ for F < 20MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com