Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 186 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 186 Page - Texas Instruments

Back Button DM504 Datasheet HTML 182Page - Texas Instruments DM504 Datasheet HTML 183Page - Texas Instruments DM504 Datasheet HTML 184Page - Texas Instruments DM504 Datasheet HTML 185Page - Texas Instruments DM504 Datasheet HTML 186Page - Texas Instruments DM504 Datasheet HTML 187Page - Texas Instruments DM504 Datasheet HTML 188Page - Texas Instruments DM504 Datasheet HTML 189Page - Texas Instruments DM504 Datasheet HTML 190Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 211 page
background image
186
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 7-14. PDN’s Target impedance
1.Voltage Rail Drop includes regulation accuracy, voltage distribution drops, and all dynamic events
such as transient noise, AC ripple, voltage dips etc.
2.Typical max transient current is defined as 50% of max current draw possible.
7.3.2
Voltage Decoupling
Recommended power supply decoupling capacitors main characteristics for commercial products whose
ambient temperature is not to exceed +85C are shown in table below:
Table 7-1. Commercial Applications Recommended Decoupling Capacitors Characteristics(1)(2)(3)
Value
Voltage
[V]
Package
Stability
Dielectric
Capacitan
ce
Tolerance
Temp
Range [°C]
Temp
Sensitivity
[%]
REFERENCE
22µF
6,3
0603
Class 2
X5R
- / + 20%
-55 to + 85
- / + 15
GRM188R60J226MEA0L
10µF
4,0
0402
Class 2
X5R
- / + 20%
-55 to + 85
- / + 15
GRM155R60G106ME44
4.7µF
6,3
0402
Class 2
X5R
- / + 20%
-55 to + 85
- / + 15
GRM155R60J475ME95
2.2µF
6,3
0402
Class 2
X5R
- / + 20%
-55 to + 85
- / + 15
GRM155R60J225ME95
1µF
6,3
0201
Class 2
X5R
- / + 20%
-55 to + 85
- / + 15
GRM033R60J105MEA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com