Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 188 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 188 Page - Texas Instruments

Back Button DM504 Datasheet HTML 184Page - Texas Instruments DM504 Datasheet HTML 185Page - Texas Instruments DM504 Datasheet HTML 186Page - Texas Instruments DM504 Datasheet HTML 187Page - Texas Instruments DM504 Datasheet HTML 188Page - Texas Instruments DM504 Datasheet HTML 189Page - Texas Instruments DM504 Datasheet HTML 190Page - Texas Instruments DM504 Datasheet HTML 191Page - Texas Instruments DM504 Datasheet HTML 192Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 211 page
background image
188
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2017, Texas Instruments Incorporated
Table 7-3. Recommended PDN and Decoupling Characteristics (1)(2)(3)(4)(5)
PDN Analysis:
Static
Dynamic
Number of Recommended Decoupling Capacitors per
Supply
Supply
Max Reff
(7)
[mΩ]
Dec. Cap.
Max LL(8) (6)
[nH]
Max
Impedance
[mΩ]
Frequency
range
of Interest
[MHz]
100
nF(6)
220
nF
470
nF
1μF
2.2 μF 4.7 μF
10 μF
22 μF
vdd_dspeve
33
2.5
54
≤20
6
1
1
1
1
1
1
vdd
83
2
87
≤50
6
1
1
1
1
1
vdds_ddr1,
vdds_ddr2,
vdds_ddr3
33
2.5
200
≤100
8
4
2
2
1
cap_vddram_cor
e1
N/A
6
N/A
N/A
1
cap_vddram_cor
e2
N/A
6
N/A
N/A
1
cap_vddram_dsp
eve
N/A
6
N/A
N/A
1
(1) For more information on peak-to-peak noise values, see the Recommended Operating Conditions table of the Electrical Characteristics
chapter.
(2) ESL must be as low as possible and must not exceed 0.5 nH.
(3) The PDN (Power Delivery Network) impedance characteristics are defined versus the device activity (that runs at different frequency)
based on the Recommended Operating Conditions table of the Electrical Characteristics chapter.
(4) The static drop requirement drives the maximum acceptable PCB resistance between the PMIC or the external SMPS and the processor
power balls.
(5) Assuming that the external SMPS (power IC) feedback sense is taken close to processor power balls.
(6) High-frequency (30 to 70MHz) PCB decoupling capacitors
(7) Maximum Total Reff from PMIC output to remote sensing feedback point located as close to the Device's point of load as possible.
(8) Maximum Loop Inductance for decoupling capacitor.
7.3.5
Power Supply Mapping
TPS65917 is a Power management IC (PMIC) that can be used for the Device design. TI is now
investigating an optimized solution for high power use cases so the TPS65917 is subject to change. An
alternate dual converter power solution using LP8732Q and LP8733Q are recommended. TI requires the
use of one of these PMIC solutions for the following reasons:
•
TI has validated its use with the Device
•
Board level margins including transient response and output accuracy are analyzed and optimized for
the entire system
•
Support for power sequencing requirements (refer to Section 5.9.3 Power Sequencing)
•
Support for Adaptive Voltage Scaling (AVS) Class 0 requirements, including TI provided software
It is possible that some voltage domains on the device are unused in some systems. In such cases, to
ensure device reliability, it is still required that the supply pins for the specific voltage domains are
connected to some core power supply output.
These unused supplies though can be combined with any of the core supplies that are used (active) in the
system. e.g. if IVA and GPU domains are not used, they can be combined with the CORE domain,
thereby having a single power supply driving the combined CORE, IVA and GPU domains.
For the combined rail, the following relaxations do apply:
•
The AVS voltage of active rail in the combined rail needs to be used to set the power supply
•
The decoupling capacitance should be set according to the active rail in the combined rail
Whenever we allow for combining of rails mapped on any of the SMPSes, the PDN guidelines that are the
most stringent of the rails combined should be implemented for the particular supply rail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com