Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 191 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 191 Page - Texas Instruments

Back Button DM504 Datasheet HTML 187Page - Texas Instruments DM504 Datasheet HTML 188Page - Texas Instruments DM504 Datasheet HTML 189Page - Texas Instruments DM504 Datasheet HTML 190Page - Texas Instruments DM504 Datasheet HTML 191Page - Texas Instruments DM504 Datasheet HTML 192Page - Texas Instruments DM504 Datasheet HTML 193Page - Texas Instruments DM504 Datasheet HTML 194Page - Texas Instruments DM504 Datasheet HTML 195Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 211 page
background image
Buck0 (3A)
L1402
0.47uH, 4A, 2520
DFE252012PD-R47M
DM50x
VDD_DSPEVE
LP8733 PMIC
SPRS977_PCB_CORE_02
Buck 0_SW
_
(22,23)
VPO_S1_SW
VPO_S1_AVS
C1409
22uF, 6.3V, X7R, 1206
GCM31CR70J226ME23
FB_B0
(2)
U1401
R1010
10mOhm, 1210
INA226&
Power Bench
U5000
C5079, 5080, 5085,
5100, 5101, 5111
0.1uF, 16V, X7R, 0402
GCM155R71C104KA55
C5021
0.22uF, 25V, X7R, 0603
GCM188R71E224KA55
C5019
0.47uF, 16V, X7R, 0603
GCM188R71C474KA55
C5018
1.0uF, 16V, X7R, 0603
GCM188R71C105KA64
C5037
2.2uF, 6.3V, X5R, 0603
C1005X5R0J225M
C5030
4.7uF, 16V, X7R, 0805
GCM21BR71C475KA73
C5026
22uF, 6.3V, X7R, 1206
GCM31CR70J226ME23
VDD_DSPEVE_AVS
(P12, P11, M9, P9,
K8, L8, P8)
FB_VPO_S1_AVS
191
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 7-15 shows a PCB layout example and the resulting PI analysis results.
Figure 7-15. vdd_dspeve Simplified SCH Diagram
Table 7-7. DCap Scheme
Vaule [uF]
Size
Qty
Capacitance [uF]
Cap Type: Automotive GCM series, X7R
22
1206
1
22
4.7
805
1
4.7
2.2
603
1
2.2
1
603
1
1
0.47
603
1
0.47
0.22
603
1
0.22
0.1
402
6
0.6
Totals
12
31.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com