Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 187 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 187 Page - Texas Instruments

Back Button DM504 Datasheet HTML 183Page - Texas Instruments DM504 Datasheet HTML 184Page - Texas Instruments DM504 Datasheet HTML 185Page - Texas Instruments DM504 Datasheet HTML 186Page - Texas Instruments DM504 Datasheet HTML 187Page - Texas Instruments DM504 Datasheet HTML 188Page - Texas Instruments DM504 Datasheet HTML 189Page - Texas Instruments DM504 Datasheet HTML 190Page - Texas Instruments DM504 Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 211 page
background image
187
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2017, Texas Instruments Incorporated
Table 7-1. Commercial Applications Recommended Decoupling Capacitors
Characteristics(1)(2)(3) (continued)
Value
Voltage
[V]
Package
Stability
Dielectric
Capacitan
ce
Tolerance
Temp
Range [°C]
Temp
Sensitivity
[%]
REFERENCE
470nF
6,3
0201
Class 2
X5R
- / + 20%
-55 to + 85
- / + 15
GRM033R60G474ME90
220nF
6,3
0201
Class 2
X5R
- / + 20%
-55 to + 85
- / + 15
GRM033R60J224ME90
100nF
6,3
0201
Class 2
X5R
- / + 20%
-55 to + 85
- / + 15
GRM033R60J104ME19
(1) Minimum value for each PCB capacitor: 100 nF.
(2) Among the different capacitors, 470 nF is recommended (not required) to filter at 5-MHz to 10-MHz frequency range.
(3) In comparison with the EIA Class 1 dielectrics, Class 2 dielectric capacitors tend to have severe temperature drift, high dependence of
capacitance on applied voltage, high voltage coefficient of dissipation factor, high frequency coefficient of dissipation, and problems with
aging due to gradual change of crystal structure. Aging causes gradual exponential loss of capacitance and decrease of dissipation
factor.
Recommended power supply decoupling capacitors main characteristics for automotive products are
shown in table below:
Table 7-2. Automotive Applications Recommended Decoupling Capacitors Characteristics (1)(2)
Value
Voltage [V]
Package
Stability
Dielectric
Capacitanc
e
Tolerance
Temp
Range [°C]
Temp
Sensitivity
[%]
REFERENCE
22µF
6,3
1206
Class 2
X7R
- / + 20%
-55 to + 125
- / + 15
GCM31CR70J226ME23
10µF
6,3
0805
Class 2
X7R
- / + 20%
-55 to + 125
- / + 15
GCM21BR70J106ME22
4.7µF
10
0805
Class 2
X7R
- / + 20%
-55 to + 125
- / + 15
GCM21BC71A475MA73
2.2µF
6,3
0603
Class 2
X7R
- / + 20%
-55 to + 125
- / + 15
GCM188R70J225ME22
1µF
16
0603
Class 2
X7R
- / + 20%
-55 to + 125
- / + 15
GCM188R71C105MA64
470nF
16
0603
Class 2
X7R
- / + 20%
-55 to + 125
- / + 15
GCM188R71C474MA55
220nF
25
0603
Class 2
X7R
- / + 20%
-55 to + 125
- / + 15
GCM188L81C224MA37
100nF
16
0402
Class 2
X7R
- / + 20%
-55 to + 125
- / + 15
GCM155R71C104MA55
(1) Minimum value for each PCB capacitor: 100 nF.
(2) Among the different capacitors, 470 nF is recommended (not required) to filter at 5-MHz to 10-MHz frequency range.
7.3.3
Static PDN Analysis
One power net parameter derived from a PCB’s PDN static analysis is the Effective Resistance (Reff).
This is the total PCB power net routing resistance that is the sum of all the individual power net segments
used to deliver a supply voltage to the point of load and includes any series resistive elements (i.e. current
sensing resistor) that may be installed between the PMIC outputs and Processor inputs.
7.3.4
Dynamic PDN Analysis
Three power net parameters derived from a PCB’s PDN dynamic analysis are the Loop Inductance (LL),
Impedance (Z) and PCB Frequency of Interest (Fpcb).
•
LL values shown are the recommended max PCB trace inductance between a decoupling capacitor’s
power supply and ground reference terminals when viewed from the decoupling capacitor with a
"theoretical shorted” applied across the Processor’s supply inputs to ground reference.
•
Z values shown are the recommended max PCB trace impedances allowed between Fpmic up to Fpcb
frequency range that limits transient noise drops to no more than 5% of min supply voltage during max
transient current events.
•
Fpcb (Frequency of Interest) is defined to be a power rail’s max frequency after which adding a
reasonable number of decoupling capacitors no longer significantly reduces the power rail impedance
below the desired impedance target (Zt2). This is due to the dominance of the PCB’s parasitic planar
spreading and internal package inductances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com