Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 197 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 197 Page - Texas Instruments

Back Button DM504 Datasheet HTML 193Page - Texas Instruments DM504 Datasheet HTML 194Page - Texas Instruments DM504 Datasheet HTML 195Page - Texas Instruments DM504 Datasheet HTML 196Page - Texas Instruments DM504 Datasheet HTML 197Page - Texas Instruments DM504 Datasheet HTML 198Page - Texas Instruments DM504 Datasheet HTML 199Page - Texas Instruments DM504 Datasheet HTML 200Page - Texas Instruments DM504 Datasheet HTML 201Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 211 page
background image
197
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2017, Texas Instruments Incorporated
•
Number of vias on the differential pairs must be minimized, and identical on each line of the differential
pair. In case of multiple differential lanes in the same interface, all lines should have the same number
of vias.
•
Shielded routing is to be promoted as much as possible (for instance, signals must be routed on
internal layers that are inside power and/or ground planes).
7.5.2
CSI2 Board Design and Routing Guidelines
The MIPI D-PHY signals include the CSI2 camera serial interfaces to or from the Device.
For more information regarding the MIPI-PHY signals and corresponding balls, see Table 4-8, CSI2 Signal
Descriptions.
For more information, you can also see the MIPI D-PHY specification v1-01-00_r0-03 (specifically the
Interconnect and Lane Configuration and Annex B Interconnect Design Guidelines chapters).
In the next section, the PCB guidelines of the following differential interfaces are presented:
•
CSI2_0 MIPI CSI-2 at 1.5 Gbps
Table 7-9 lists the MIPI D-PHY interface signals in the Device.
Table 7-9. MIPI D-PHY Interface Signals in the Device
SIGNAL NAME
BALL
SIGNAL NAME
BALL
csi2_0_dx0
A5
csi2_0_dy0
B5
csi2_0_dx1
A6
csi2_0_dy1
B6
csi2_0_dx2
B8
csi2_0_dy2
A8
csi2_0_dx3
A10
csi2_0_dy3
B10
csi2_0_dx4
A11
csi2_0_dy4
B11
7.5.2.1
CSI2_0 MIPI CSI-2 (1.5 Gbps)
7.5.2.1.1 General Guidelines
The general guidelines for the PCB differential lines are:
•
Differential trace impedance Z0 = 100 Ω (minimum = 85 Ω, maximum = 115 Ω)
•
Total conductor length from the Device package pins to the peripheral device package pins is 25 to 30
cm with common FR4 PCB and flex materials.
NOTE
Longer interconnect length can be supported at the expense of detailed simulations of the
complete link including driver and receiver models.
The general rule of thumb for the space S = 2 × W is not designated (see Figure 7-18, Guard Illustration).
It is because although the S = 2 × W rule is a good rule of thumb, it is not always the best solution. The
electrical performance will be checked with the frequency-domain specification. Even though the designer
does not follow the S = 2 × W rule, the differential lines are ok if the lines satisfy the frequency-domain
specification.
Because the MIPI signals are used for low-power, single-ended signaling in addition to their high-speed
differential implementation, the pairs must be loosely coupled.
7.5.2.1.2 Length Mismatch Guidelines
7.5.2.1.2.1 CSI2_0 MIPI CSI-2 (1.5 Gbps)
The guidelines of the length mismatch for CSI-2 are presented in Table 7-10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com