Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 201 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 201 Page - Texas Instruments

Back Button DM504 Datasheet HTML 197Page - Texas Instruments DM504 Datasheet HTML 198Page - Texas Instruments DM504 Datasheet HTML 199Page - Texas Instruments DM504 Datasheet HTML 200Page - Texas Instruments DM504 Datasheet HTML 201Page - Texas Instruments DM504 Datasheet HTML 202Page - Texas Instruments DM504 Datasheet HTML 203Page - Texas Instruments DM504 Datasheet HTML 204Page - Texas Instruments DM504 Datasheet HTML 205Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 211 page
background image
201
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2017, Texas Instruments Incorporated
Table 7-12. Dynamic CVIDEO/SD-DAC Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Update Rate (FCLK)
54
60
MHz
Signal Bandwidth
3 dB
6
MHz
Spurious-Free Dynamic Range
(SFDR) within bandwidth
FCLK = 54 MHz, FOUT = 1 MHz
50
dBc
Signal-to-Noise Ration (SNR)
FCLK = 54 MHz, FOUT = 1 MHz
54
dB
Power Supply Rejection (PSR)
Normal Mode, 100 mVpp @ 6
MHz on vdda_dac
6
dB
TVOUT Bypass Mode, 100
mVpp @ 6 MHz on vdda_dac
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com