| Electronic Components Datasheet Search |
|
ELANSC520 Datasheet(PDF) 122 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ELANSC520 Datasheet(HTML) 122 Page - Advanced Micro Devices |
|
122 / 440 page ![]() General-Purpose Bus Controller Registers 10-6 Élan™SC520 Microcontroller Register Set Manual Programming Notes When this register (GPCSQUAL) is used to qualify a GP bus chip select signal, the external timing relationship between the qualifier and the chip select is not guaranteed. For example, deassertion of the chip select signal could precede the qualifier’s deassertion on the external GP bus. If a single qualifier type (only read or only write) is used to qualify a GP bus chip select signal, the corresponding chip select is not asserted for accesses of the other type. For example, if the GPCS0_RW bit field is set to 01b to qualify GP Chip Select 0 with write strobes only, GP Chip Select 0 is not asserted for read accesses. Before using one of the GPCS7–GPCS1 signals, software must set the corresponding GPCSx_SEL bit in the CSPFS register (see page 20-7). Before using the GPCS0 signal, software must set the PIO27_SEL bit in the PIOPFS31– 16 register (see page 20-5). 9 –8 GPCS4_RW [1–0] GPCS4 Qualifier Selection This field is used to qualify the GP bus chip select 4 with GPIORD, GPIOWR, GPMEMRD or GPMEMWR. 00 = No qualification. 01 = Qualify the chip select with write strobes (GPIOWR or GPMEMWR) 10 = Qualify the chip select with read strobes (GPIORD or GPMEMRD) 11 = Qualify the chip select with both strobes (GPIORD and GPIOWR, or GPMEMRD and GPMEMWR) 7 –6 GPCS3_RW [1–0] GPCS3 Qualifier Selection This field is used to qualify the GP bus chip select 3 with GPIORD, GPIOWR, GPMEMRD or GPMEMWR. 00 = No qualification. 01 = Qualify the chip select with write strobes (GPIOWR or GPMEMWR) 10 = Qualify the chip select with read strobes (GPIORD or GPMEMRD) 11 = Qualify the chip select with both strobes (GPIORD and GPIOWR, or GPMEMRD and GPMEMWR) 5 –4 GPCS2_RW [1–0] GPCS2 Qualifier Selection This field is used to qualify the GP bus chip select 2 with GPIORD, GPIOWR, GPMEMRD or GPMEMWR. 00 = No qualification. 01 = Qualify the chip select with write strobes (GPIOWR or GPMEMWR) 10 = Qualify the chip select with read strobes (GPIORD or GPMEMRD) 11 = Qualify the chip select with both strobes (GPIORD and GPIOWR, or GPMEMRD and GPMEMWR) 3 –2 GPCS1_RW [1–0] GPCS1 Qualifier Selection This field is used to qualify the GP bus chip select 1 with GPIORD, GPIOWR, GPMEMRD or GPMEMWR. 00 = No qualification. 01 = Qualify the chip select with write strobes (GPIOWR or GPMEMWR) 10 = Qualify the chip select with read strobes (GPIORD or GPMEMRD) 11 = Qualify the chip select with both strobes (GPIORD and GPIOWR, or GPMEMRD and GPMEMWR) 1 –0 GPCS0_RW [1–0] GPCS0 Qualifier Selection This field is used to qualify the GP bus chip select 0 with GPIORD, GPIOWR, GPMEMRD or GPMEMWR. 00 = No qualification. 01 = Qualify the chip select with write strobes (GPIOWR or GPMEMWR) 10 = Qualify the chip select with read strobes (GPIORD or GPMEMRD) 11 = Qualify the chip select with both strobes (GPIORD and GPIOWR, or GPMEMRD and GPMEMWR) Bit Name Function |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |