Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 121 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 121 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 117Page - Advanced Micro Devices ELANSC520 Datasheet HTML 118Page - Advanced Micro Devices ELANSC520 Datasheet HTML 119Page - Advanced Micro Devices ELANSC520 Datasheet HTML 120Page - Advanced Micro Devices ELANSC520 Datasheet HTML 121Page - Advanced Micro Devices ELANSC520 Datasheet HTML 122Page - Advanced Micro Devices ELANSC520 Datasheet HTML 123Page - Advanced Micro Devices ELANSC520 Datasheet HTML 124Page - Advanced Micro Devices ELANSC520 Datasheet HTML 125Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 440 page
background image
General-Purpose Bus Controller Registers
Élan™SC520 Microcontroller Register Set Manual
10-5
GP Chip Select Qualification (GPCSQUAL)
Memory-Mapped
MMCR Offset C02h
Register Description
This register is used to qualify the GP bus chip selects with GPIORD, GPIOWR, GPMEMRD or GPMEMWR. The
qualifiers that can be used depend on the TARGET bit field in the PARx register for the addressed region (see
page 2-6). If the TARGET bit field selects GP bus I/O, the GP bus chip selects can be qualified with GPIORD or
GPIOWR. If the TARGET bit field selects GP bus memory, the GP bus chip selects can be qualified with GPMEMRD
or GPMEMWR.
Bit Definitions
15
14
13
12
11
10
9
8
Bit
GPCS7_RW[1–0]
GPCS6_RW[1–0]
GPCS5_RW[1–0]
GPCS4_RW[1–0]
Reset
00000000
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
Bit
GPCS3_RW[1–0]
GPCS2_RW[1–0]
GPCS1_RW[1–0]
GPCS0_RW[1–0]
Reset
00000000
R/W
R/W
R/W
R/W
R/W
Bit
Name
Function
15
–14
GPCS7_RW
[1–0]
GPCS7 Qualifier Selection
This field is used to qualify the GP bus chip select 7 with GPIORD, GPIOWR, GPMEMRD or
GPMEMWR.
00 = No qualification.
01 = Qualify the chip select with write strobes (GPIOWR or GPMEMWR)
10 = Qualify the chip select with read strobes (GPIORD or GPMEMRD)
11 = Qualify the chip select with both strobes (GPIORD and GPIOWR, or GPMEMRD and
GPMEMWR)
13
–12
GPCS6_RW
[1–0]
GPCS6 Qualifier Selection
This field is used to qualify the GP bus chip select 6 with GPIORD, GPIOWR, GPMEMRD or
GPMEMWR.
00 = No qualification.
01 = Qualify the chip select with write strobes (GPIOWR or GPMEMWR)
10 = Qualify the chip select with read strobes (GPIORD or GPMEMRD)
11 = Qualify the chip select with both strobes (GPIORD and GPIOWR, or GPMEMRD and
GPMEMWR)
11
–10
GPCS5_RW
[1–0]
GPCS5 Qualifier Selection
This field is used to qualify the GP bus chip select 5 with GPIORD, GPIOWR, GPMEMRD or
GPMEMWR.
00 = No qualification.
01 = Qualify the chip select with write strobes (GPIOWR or GPMEMWR)
10 = Qualify the chip select with read strobes (GPIORD or GPMEMRD)
11 = Qualify the chip select with both strobes (GPIORD and GPIOWR, or GPMEMRD and
GPMEMWR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com