Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 140 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 140 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 136Page - Advanced Micro Devices ELANSC520 Datasheet HTML 137Page - Advanced Micro Devices ELANSC520 Datasheet HTML 138Page - Advanced Micro Devices ELANSC520 Datasheet HTML 139Page - Advanced Micro Devices ELANSC520 Datasheet HTML 140Page - Advanced Micro Devices ELANSC520 Datasheet HTML 141Page - Advanced Micro Devices ELANSC520 Datasheet HTML 142Page - Advanced Micro Devices ELANSC520 Datasheet HTML 143Page - Advanced Micro Devices ELANSC520 Datasheet HTML 144Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 440 page
background image
GP DMA Controller Registers
11-8
Élan™SC520 Microcontroller Register Set Manual
GP-DMA Resource Channel Map B (GPDMAEXTCHMAPB)
Memory-Mapped
MMCR Offset D84h
Register Description
This register indicates the channel mapping for the internal serial port request signals: txdrq2–txdrq1 and rxdrq2–
rxdrq1.
Bit Definitions
15
14
13
12
11
10
9
8
Bit
TXDRQ2_CHSEL[3–0]
TXDRQ1_CHSEL[3–0]
Reset
11111111
R/W
R/W
R/W
7
6
5
4
3
2
1
0
Bit
RXDRQ2_CHSEL[3–0]
RXDRQ1_CHSEL[3–0]
Reset
11111111
R/W
R/W
R/W
Bit
Name
Function
15–12
TXDRQ2_
CHSEL[3–0]
TXDRQ2 Channel Mapping
Map the txdrq2 and txdack2 internal signals to a GP-DMA channel:
0000 = Channel 0
0001 = Channel 1
0010 = Channel 2
0011 = Channel 3
All other values are treated as unconnected.
11–8
TXDRQ1_
CHSEL[3–0]
TXDRQ1 Channel Mapping
Map the txdrq1 and txdack1 internal signals to a GP-DMA channel:
0000 = Channel 0
0001 = Channel 1
0010 = Channel 2
0011 = Channel 3
All other values are treated as unconnected.
7–4
RXDRQ2_
CHSEL[3–0]
RXDRQ2 Channel Mapping
Map rxdrq2 and rxdack2 internal signals to a GP-DMA channel:
0000 = Channel 0
0001 = Channel 1
0010 = Channel 2
0011 = Channel 3
All other values are treated as unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com