| Electronic Components Datasheet Search |
|
ELANSC520 Datasheet(PDF) 137 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ELANSC520 Datasheet(HTML) 137 Page - Advanced Micro Devices |
|
137 / 440 page ![]() GP DMA Controller Registers Élan™SC520 Microcontroller Register Set Manual 11-5 GP-DMA Memory-Mapped I/O (GPDMAMMIO) Memory-Mapped MMCR Offset D81h Register Description This register provides the selection of an I/O device (enabled by the GPIORD and GPIOWR signals) or a memory- mapped I/O device (enabled by the GPMEMRD or GPMEMWR signals) for each channel. Bit Definitions Programming Notes A bit field in this register (GPDMAMMIO) is ignored if the corresponding channel is mapped to an internal UART via the GPDMAEXTCHMAPB register (see page 11-8). 7 6 5 4 3 2 1 0 Bit DMA7_ MMAP DMA6_ MMAP DMA5_ MMAP Reserved DMA3_ MMAP DMA2_ MMAP DMA1_ MMAP DMA0_ MMAP Reset 00000000 R/W R/W R/W R/W RSV R/W R/W R/W R/W Bit Name Function 7DMA7_MMAP Memory-Mapped Device for DMA Channel 7 0 = DMA Channel 7 connects to a direct-mapped I/O device. 1 = DMA Channel 7 connects to a memory-mapped device. 6DMA6_MMAP Memory-Mapped Device for DMA Channel 6 0 = DMA Channel 6 connects to a direct-mapped I/O device. 1 = DMA Channel 6 connects to a memory-mapped device. 5DMA5_MMAP Memory-Mapped Device for DMA Channel 5 0 = DMA Channel 5 connects to a direct-mapped I/O device. 1 = DMA Channel 5 connects to a memory-mapped device. 4 Reserved Reserved This bit field should be written to 0 for normal system operation. 3DMA3_MMAP Memory-Mapped Device for DMA Channel 3 0 = DMA Channel 3 connects to a direct-mapped I/O device. 1 = DMA Channel 3 connects to a memory-mapped device. 2DMA2_MMAP Memory-Mapped Device for DMA Channel 2 0 = DMA Channel 2 connects to a direct-mapped I/O device. 1 = DMA Channel 2 connects to a memory-mapped device. 1DMA1_MMAP Memory-Mapped Device for DMA Channel 1 0 = DMA Channel 1 connects to a direct-mapped I/O device. 1 = DMA Channel 1 connects to a memory-mapped device. 0DMA0_MMAP Memory-Mapped Device for DMA Channel 0 0 = DMA Channel 0 connects to a direct-mapped I/O device. 1 = DMA Channel 0 connects to a memory-mapped device. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |