Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 135 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 135 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 131Page - Advanced Micro Devices ELANSC520 Datasheet HTML 132Page - Advanced Micro Devices ELANSC520 Datasheet HTML 133Page - Advanced Micro Devices ELANSC520 Datasheet HTML 134Page - Advanced Micro Devices ELANSC520 Datasheet HTML 135Page - Advanced Micro Devices ELANSC520 Datasheet HTML 136Page - Advanced Micro Devices ELANSC520 Datasheet HTML 137Page - Advanced Micro Devices ELANSC520 Datasheet HTML 138Page - Advanced Micro Devices ELANSC520 Datasheet HTML 139Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 440 page
background image
GP DMA Controller Registers
Élan™SC520 Microcontroller Register Set Manual
11-3
Slave DMA Controller Reset
SLDMARST
000Dh
page 11-58
Slave DMA Controller Temporary
SLDMATMP
000Dh
page 11-59
Slave DMA Mask Reset
SLDMAMSKRST
000Eh
page 11-60
Slave DMA General Mask
SLDMAGENMSK
000Fh
page 11-61
General 0
GPDMAGR0
0080h
page 11-62
Slave DMA Channel 2 Page
GPDMA2PG
0081h
page 11-63
Slave DMA Channel 3 Page
GPDMA3PG
0082h
page 11-64
Slave DMA Channel 1 Page
GPDMA1PG
0083h
page 11-65
General 1
GPDMAGR1
0084h
page 11-66
General 2
GPDMAGR2
0085h
page 11-67
General 3
GPDMAGR3
0086h
page 11-68
Slave DMA Channel 0 Page
GPDMA0PG
0087h
page 11-69
General 4
GPDMAGR4
0088h
page 11-70
Master DMA Channel 6 Page
GPDMA6PG
0089h
page 11-71
Master DMA Channel 7 Page
GPDMA7PG
008Ah
page 11-72
Master DMA Channel 5 Page
GPDMA5PG
008Bh
page 11-73
General 5
GPDMAGR5
008Ch
page 11-74
General 6
GPDMAGR6
008Dh
page 11-75
General 7
GPDMAGR7
008Eh
page 11-76
General 8
GPDMAGR8
008Fh
page 11-77
Master DMA Channel 4 Memory Address GPDMA4MAR
00C0h
page 11-78
Master DMA Channel 4 Transfer Count
GPDMA4TC
00C2h
page 11-79
Master DMA Channel 5 Memory Address GPDMA5MAR
00C4h
page 11-80
Master DMA Channel 5 Transfer Count
GPDMA5TC
00C6h
page 11-81
Master DMA Channel 6 Memory Address GPDMA6MAR
00C8h
page 11-82
Master DMA Channel 6 Transfer Count
GPDMA6TC
00CAh
page 11-83
Master DMA Channel 7 Memory Address GPDMA7MAR
00CCh
page 11-84
Master DMA Channel 7 Transfer Count
GPDMA7TC
00CEh
page 11-85
Master DMA Channel 4–7 Status
MSTDMASTA
00D0h
page 11-86
Master DMA Channel 4–7 Control
MSTDMACTL
00D0h
page 11-87
Master Software DRQ(n) Request
MSTDMASWREQ
00D2h
page 11-89
Master DMA Channel 4–7 Mask
MSTDMAMSK
00D4h
page 11-90
Master DMA Channel 4–7 Mode
MSTDMAMODE
00D6h
page 11-91
Master DMA Clear Byte Pointer
MSTDMACBP
00D8h
page 11-93
Master DMA Controller Reset
MSTDMARST
00DAh
page 11-94
Master DMA Controller Temporary
MSTDMATMP
00DAh
page 11-95
Master DMA Mask Reset
MSTDMAMSKRST
00DCh
page 11-96
Master DMA General Mask
MSTDMAGENMSK
00DEh
page 11-97
Table 11-2
GP-DMA Direct-Mapped Registers (Continued)
Register Name
Mnemonic
I/O Address
Page Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com