Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 134 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 134 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 130Page - Advanced Micro Devices ELANSC520 Datasheet HTML 131Page - Advanced Micro Devices ELANSC520 Datasheet HTML 132Page - Advanced Micro Devices ELANSC520 Datasheet HTML 133Page - Advanced Micro Devices ELANSC520 Datasheet HTML 134Page - Advanced Micro Devices ELANSC520 Datasheet HTML 135Page - Advanced Micro Devices ELANSC520 Datasheet HTML 136Page - Advanced Micro Devices ELANSC520 Datasheet HTML 137Page - Advanced Micro Devices ELANSC520 Datasheet HTML 138Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 440 page
background image
GP DMA Controller Registers
11-2
Élan™SC520 Microcontroller Register Set Manual
GP-DMA Channel 6 Extended Transfer
Count
GPDMAEXTTC6
D92h
page 11-19
GP-DMA Channel 7 Extended Transfer
Count
GPDMAEXTTC7
D93h
page 11-20
Buffer Chaining Control
GPDMABCCTL
D98h
page 11-21
Buffer Chaining Status
GPDMABCSTA
D99h
page 11-22
Buffer Chaining Interrupt Enable
GPDMABSINTENB
D9Ah
page 11-24
Buffer Chaining Valid
GPDMABCVAL
D9Bh
page 11-25
GP-DMA Channel 3 Next Address Low
GPDMANXTADDL3
DA0h
page 11-26
GP-DMA Channel 3 Next Address High
GPDMANXTADDH3
DA2h
page 11-27
GP-DMA Channel 5 Next Address Low
GPDMANXTADDL5
DA4h
page 11-28
GP-DMA Channel 5 Next Address High
GPDMANXTADDH5
DA6h
page 11-29
GP-DMA Channel 6 Next Address Low
GPDMANXTADDL6
DA8h
page 11-30
GP-DMA Channel 6 Next Address High
GPDMANXTADDH6
DAAh
page 11-31
GP-DMA Channel 7 Next Address Low
GPDMANXTADDL7
DACh
page 11-32
GP-DMA Channel 7 Next Address High
GPDMANXTADDH7
DAEh
page 11-33
GP-DMA Channel 3 Next Transfer Count Low GPDMANXTTCL3
DB0h
page 11-34
GP-DMA Channel 3 Next Transfer Count High GPDMANXTTCH3
DB2h
page 11-35
GP-DMA Channel 5 Next Transfer Count Low GPDMANXTTCL5
DB4h
page 11-36
GP-DMA Channel 5 Next Transfer Count High GPDMANXTTCH5
DB6h
page 11-37
GP-DMA Channel 6 Next Transfer Count Low GPDMANXTTCL6
DB8h
page 11-38
GP-DMA Channel 6 Next Transfer Count High GPDMANXTTCH6
DBAh
page 11-39
GP-DMA Channel 7 Next Transfer Count Low GPDMANXTTCL7
DBCh
page 11-40
GP-DMA Channel 7 Next Transfer Count High GPDMANXTTCH7
DBEh
page 11-41
Table 11-2
GP-DMA Direct-Mapped Registers
Register Name
Mnemonic
I/O Address
Page Number
Slave DMA Channel 0 Memory Address
GPDMA0MAR
0000h
page 11-42
Slave DMA Channel 0 Transfer Count
GPDMA0TC
0001h
page 11-43
Slave DMA Channel 1 Memory Address
GPDMA1MAR
0002h
page 11-44
Slave DMA Channel 1 Transfer Count
GPDMA1TC
0003h
page 11-45
Slave DMA Channel 2 Memory Address
GPDMA2MAR
0004h
page 11-46
Slave DMA Channel 2 Transfer Count
GPDMA2TC
0005h
page 11-47
Slave DMA Channel 3 Memory Address
GPDMA3MAR
0006h
page 11-48
Slave DMA Channel 3 Transfer Count
GPDMA3TC
0007h
page 11-49
Slave DMA Channel 0–3 Status
SLDMASTA
0008h
page 11-50
Slave DMA Channel 0–3 Control
SLDMACTL
0008h
page 11-51
Slave Software DRQ(n) Request
SLDMASWREQ
0009h
page 11-53
Slave DMA Channel 0–3 Mask
SLDMAMSK
000Ah
page 11-54
Slave DMA Channel 0–3 Mode
SLDMAMODE
000Bh
page 11-55
Slave DMA Clear Byte Pointer
SLDMACBP
000Ch
page 11-57
Table 11-1
GP-DMA MMCR Registers (Continued)
Register Name
Mnemonic
MMCR Offset
Page
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com