Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 150 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 150 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 146Page - Advanced Micro Devices ELANSC520 Datasheet HTML 147Page - Advanced Micro Devices ELANSC520 Datasheet HTML 148Page - Advanced Micro Devices ELANSC520 Datasheet HTML 149Page - Advanced Micro Devices ELANSC520 Datasheet HTML 150Page - Advanced Micro Devices ELANSC520 Datasheet HTML 151Page - Advanced Micro Devices ELANSC520 Datasheet HTML 152Page - Advanced Micro Devices ELANSC520 Datasheet HTML 153Page - Advanced Micro Devices ELANSC520 Datasheet HTML 154Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 440 page
background image
GP DMA Controller Registers
11-18
Élan™SC520 Microcontroller Register Set Manual
GP-DMA Channel 5 Extended Transfer Count (GPDMAEXTTC5)
Memory-Mapped
MMCR Offset D91h
Register Description
This register provides the extended transfer count bits for Channel 5.
Bit Definitions
Programming Notes
Enhanced mode is enabled by setting the ENH_MODE_ENB bit in the GPDMACTL register (see page 11-4).
In PCI bus 2.2-compliant designs, software must limit the length of GP bus DMA demand- or block-mode transfers.
Very large transfers could cause the PCI Host Bridge target controller to violate the 10-µs memory write maximum
completion time limit set in the
PCI Local Bus Specification, Revision 2.2.
7
6
5
4
3
2
1
0
Bit
DMA5TC[23
–16]
Reset
00000000
R/W
R/W!
Bit
Name
Function
7–0
DMA5TC
[23–16]
DMA Channel 5 Transfer Count Extension
This bit field provides the higher 8 bits of the transfer count for DMA Channel 5.
In enhanced mode, this bit field is used with the DMA5TC[15
–0] bit field in the GPDMA5TC
register (see page 11-81) to allow counts up to 16 M (16,777,216) transfers.
In normal mode, the value of this bit field (DMA5TC[23–16]) is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com