Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 154 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 154 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 150Page - Advanced Micro Devices ELANSC520 Datasheet HTML 151Page - Advanced Micro Devices ELANSC520 Datasheet HTML 152Page - Advanced Micro Devices ELANSC520 Datasheet HTML 153Page - Advanced Micro Devices ELANSC520 Datasheet HTML 154Page - Advanced Micro Devices ELANSC520 Datasheet HTML 155Page - Advanced Micro Devices ELANSC520 Datasheet HTML 156Page - Advanced Micro Devices ELANSC520 Datasheet HTML 157Page - Advanced Micro Devices ELANSC520 Datasheet HTML 158Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 440 page
background image
GP DMA Controller Registers
11-22
Élan™SC520 Microcontroller Register Set Manual
Buffer Chaining Status (GPDMABCSTA)
Memory-Mapped
MMCR Offset D99h
Register Description
This register provides the status of channels 3, 5, 6, and 7 when buffer chaining is enabled.
Bit Definitions
7
6
5
4
3
2
1
0
Bit
Reserved
CH7_EOB_
STA
CH6_EOB_
STA
CH5_EOB_
STA
CH3_EOB_
STA
Reset
00000000
R/W
RSV
R/W!
R/W!
R/W!
R/W!
Bit
Name
Function
7
–4
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
3
CH7_EOB_
STA
End of Current Buffer in Channel 7
This bit is set by the GP bus DMA controller when the current buffer transfer is completed.
0 = The event has not occurred, or software cleared this bit by writing a 1.
1= The current buffer transfer is completed. In addition, an interrupt is generated if bit
CH7_INT_ENB is 1 in the GPDMABSINTENB register (see page 11-24).
Software should write a 1 to this bit (CH7_EOB_STA) to acknowledge the transfer completion
and clear the interrupt condition. This acknowledgment is usually done in the interrupt
handling routine if the interrupt is enabled.
Writing 0 to this bit has no effect. If this bit is 0, writing a 1 to it has no effect.
This bit’s value (when read) is meaningful only if buffer chaining is enabled.
2
CH6_EOB_
STA
End of Current Buffer in Channel 6
This bit is set by the GP bus DMA controller when the current buffer transfer is completed.
0 = The event has not occurred, or software cleared this bit by writing a 1.
1= The current buffer transfer is completed. In addition, an interrupt is generated if bit
CH6_INT_ENB is 1 in the GPDMABSINTENB register (see page 11-24).
Software should write a 1 to this bit (CH6_EOB_STA) to acknowledge the transfer completion
and clear the interrupt condition. This acknowledgment is usually done in the interrupt
handling routine if the interrupt is enabled.
Writing 0 to this bit has no effect. If this bit is 0, writing a 1 to it has no effect.
This bit’s value (when read) is meaningful only if buffer chaining is enabled.
1
CH5_EOB_
STA
End of Current Buffer in Channel 5
This bit is set by the GP bus DMA controller when the current buffer transfer is completed.
0 = The event has not occurred, or software cleared this bit by writing a 1.
1= The current buffer transfer is completed. In addition, an interrupt is generated if bit
CH5_INT_ENB is 1 in the GPDMABSINTENB register (see page 11-24).
Software should write a 1 to this bit (CH5_EOB_STA) to acknowledge the transfer completion
and clear the interrupt condition. This acknowledgment is usually done in the interrupt
handling routine if the interrupt is enabled.
Writing 0 to this bit has no effect. If this bit is 0, writing a 1 to it has no effect.
This bit’s value (when read) is meaningful only if buffer chaining is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com