Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 155 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 155 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 151Page - Advanced Micro Devices ELANSC520 Datasheet HTML 152Page - Advanced Micro Devices ELANSC520 Datasheet HTML 153Page - Advanced Micro Devices ELANSC520 Datasheet HTML 154Page - Advanced Micro Devices ELANSC520 Datasheet HTML 155Page - Advanced Micro Devices ELANSC520 Datasheet HTML 156Page - Advanced Micro Devices ELANSC520 Datasheet HTML 157Page - Advanced Micro Devices ELANSC520 Datasheet HTML 158Page - Advanced Micro Devices ELANSC520 Datasheet HTML 159Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 440 page
background image
GP DMA Controller Registers
Élan™SC520 Microcontroller Register Set Manual
11-23
Programming Notes
The interrupt output is shared between the four channels 3, 5, 6, and 7. If more than one interrupt is asserted and
software acknowledges one of the interrupts (by setting the corresponding CHx_EOB_STA bit), any other pending
interrupts remain asserted. Software has the option of acknowledging all pending CHx_EOB_STA bits and handling
all of the interrupts.
Buffer chaining is enabled separately for each channel in the GPDMABCCTL register (see page 11-21).
0
CH3_EOB_
STA
End of Current Buffer in Channel 3
This bit is set by the GP bus DMA controller when the current buffer transfer is completed.
0 = The event has not occurred, or software cleared this bit by writing a 1.
1= The current buffer transfer is completed. In addition, an interrupt is generated if bit
CH3_INT_ENB is 1 in the GPDMABSINTENB register (see page 11-24).
Software should write a 1 to this bit (CH3_EOB_STA) to acknowledge the transfer completion
and clear the interrupt condition. This acknowledgment is usually done in the interrupt
handling routine if the interrupt is enabled.
Writing 0 to this bit has no effect. If this bit is 0, writing a 1 to it has no effect.
This bit’s value (when read) is meaningful only if buffer chaining is enabled.
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com