| Electronic Components Datasheet Search |
|
ELANSC520 Datasheet(PDF) 153 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ELANSC520 Datasheet(HTML) 153 Page - Advanced Micro Devices |
|
153 / 440 page ![]() GP DMA Controller Registers Élan™SC520 Microcontroller Register Set Manual 11-21 Buffer Chaining Control (GPDMABCCTL) Memory-Mapped MMCR Offset D98h Register Description This register controls the buffer chaining feature in enhanced mode. Bit Definitions Programming Notes This register is ignored unless enhanced mode is enabled. Enhanced mode is enabled by setting the ENH_MODE_ENB bit in the GPDMACTL register (see page 11-4). 7 6 5 4 3 2 1 0 Bit Reserved CH7_ BCHN_ENB CH6_ BCHN_ENB CH5_ BCHN_ENB CH3_ BCHN_ENB Reset 00000000 R/W RSV R/W R/W R/W R/W Bit Name Function 7 –4 Reserved Reserved This bit field should be written to 0 for normal system operation. 3 CH7_BCHN_ ENB Buffer Chaining Enable for Channel 7 This bit enables buffer chaining via the Channel 7 Next Address and Channel 7 Next Transfer Count registers. See the register descriptions beginning on page 11-32 and page 11-40. When this bit is set, the CH7_CBUF_VAL bit in the in the GPDMABCVAL register becomes effective (see page 11-25). 0 = Disable buffer chaining. 1 = Enable buffer chaining (enhanced mode only). 2 CH6_BCHN_ ENB Buffer Chaining Enable for Channel 6 This bit enables buffer chaining via the Channel 6 Next Address and Channel 6 Next Transfer Count registers. See the register descriptions beginning on page 11-30 and page 11-38. When this bit is set, the CH6_CBUF_VAL bit in the in the GPDMABCVAL register becomes effective (see page 11-25). 0 = Disable buffer chaining. 1 = Enable buffer chaining (enhanced mode only). 1 CH5_BCHN_ ENB Buffer Chaining Enable for Channel 5 This bit enables buffer chaining via the Channel 5 Next Address and Channel 5 Next Transfer Count registers. See the register descriptions beginning on page 11-28 and page 11-36. When this bit is set, the CH5_CBUF_VAL bit in the in the GPDMABCVAL register becomes effective (see page 11-25). 0 = Disable buffer chaining. 1 = Enable buffer chaining (enhanced mode only). 0 CH3_BCHN_ ENB Buffer Chaining Enable for Channel 3 This bit enables buffer chaining via the Channel 3 Next Address and Channel 3 Next Transfer Count registers. See the register descriptions beginning on page 11-26 and page 11-34. When this bit is set, the CH3_CBUF_VAL bit in the in the GPDMABCVAL register becomes effective (see page 11-25). 0 = Disable buffer chaining. 1 = Enable buffer chaining (enhanced mode only). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |