Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 3 Page - Cypress Semiconductor

  S70FS01GS Datasheet HTML 1Page - Cypress Semiconductor S70FS01GS Datasheet HTML 2Page - Cypress Semiconductor S70FS01GS Datasheet HTML 3Page - Cypress Semiconductor S70FS01GS Datasheet HTML 4Page - Cypress Semiconductor S70FS01GS Datasheet HTML 5Page - Cypress Semiconductor S70FS01GS Datasheet HTML 6Page - Cypress Semiconductor S70FS01GS Datasheet HTML 7Page - Cypress Semiconductor S70FS01GS Datasheet HTML 8Page - Cypress Semiconductor S70FS01GS Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 3 of 141
1.
Overview
1.1
General Description
The Cypress FS-S Family devices are Flash non-volatile memory products using:
MirrorBit technology - that stores two data bits in each memory array transistor
Eclipse architecture - that dramatically improves program and erase performance
65 nm process lithography
The FS-S Family connects to a host system via a Serial Peripheral Interface (SPI). Traditional SPI single bit serial input and output
(Single I/O or SIO) is supported as well as optional two bit (Dual I/O or DIO) and four bit wide Quad I/O (QIO) or QPI, also known as
Quad Peripheral Interface (QPI) serial commands. This multiple width interface is called SPI Multi-I/O or MIO. In addition, there are
Double Data Rate (DDR) read commands for QIO and QPI that transfer address and read data on both edges of the clock.
The FS-S Eclipse architecture features a Page Programming Buffer that allows up to 512-bytes to be programmed in one operation,
resulting in faster effective programming and erase than prior generation SPI program or erase algorithms.
Executing code directly from Flash memory is often called Execute-In-Place or XIP. By using FS-S Family devices at the higher
clock rates supported, with Quad or DDR-Quad commands, the instruction read transfer rate can match or exceed traditional parallel
interface, asynchronous, NOR Flash memories, while reducing signal count dramatically.
The FS-S Family products offer high densities coupled with the flexibility and fast performance required by a variety of mobile or
embedded applications. They are an excellent solution for systems with limited space, signal connections, and power. They are ideal
for code shadowing to RAM, executing code directly (XIP), and storing reprogrammable data.
The S70FS01GS device is a dual die stack of two FS512S die.
1.2
Migration Notes
1.2.1
Features Comparison
The FS-S Family is command subset and footprint compatible with prior generation FL-S, FL1-K and FL-P families. However, the
power supply and interface voltages are nominal 1.8V.
Table 1.1
Cypress SPI Families Comparison
Parameter
FS-S
FL-S
Technology Node
65nm
65nm
Architecture
MirrorBit® Eclipse™
MirrorBit® Eclipse™
Release Date
2H2015
2H2011
Density
1Gbit
1GB
Bus Width
x1, x2, x4
x1, x2, x4
Supply Voltage
1.7V - 2.0V
2.7V - 3.6V / 1.65V - 3.6V VIO
Normal Read Speed (SDR)
6MB/s (50MHz)
6MB/s (50MHz)
Fast Read Speed (SDR)
16.5MB/s (133MHz)
17MB/s (133MHz)
Dual Read Speed (SDR)
33MB/s (133MHz)
26MB/s (104MHz)
Quad Read Speed (SDR)
66MB/s (133MHz)
52MB/s (104MHz)
Quad Read Speed (DDR)
80MB/s (80MHz)
80MB/s (80MHz)
Program Buffer Size
256B / 512B
256B / 512B
Erase Sector Size
256KB
256KB
Parameter Sector Size
4KB (option)
4KB (option)
Sector Erase Rate (typ.)
500 KB/s
500 KB/s
Page Programming Rate (typ.)
0.71 MB/s (256B)
1.08 MB/s (512B)
1.0 MB/s (256B)
1.5 MB/s (512B)
OTP
1024B
1024B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com