Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 83 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 83 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 79Page - Cypress Semiconductor S70FS01GS Datasheet HTML 80Page - Cypress Semiconductor S70FS01GS Datasheet HTML 81Page - Cypress Semiconductor S70FS01GS Datasheet HTML 82Page - Cypress Semiconductor S70FS01GS Datasheet HTML 83Page - Cypress Semiconductor S70FS01GS Datasheet HTML 84Page - Cypress Semiconductor S70FS01GS Datasheet HTML 85Page - Cypress Semiconductor S70FS01GS Datasheet HTML 86Page - Cypress Semiconductor S70FS01GS Datasheet HTML 87Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 83 of 141
9.3.6
Data Learning Pattern Read (DLPRD 41h)
The instruction is shifted on SI, then the 8-bit DLP is shifted out on SO. It is possible to read the DLP continuously by providing
multiples of eight clock cycles. The maximum operating clock frequency for the DLPRD command is 133MHz.
Figure 9.16
DLP Read (DLPRD) Command Sequence
9.3.7
Enter 4 Byte Address Mode (4BAM B7h):
The enter 4 Byte Address Mode (4BAM) command sets the volatile Address Length bit (CR2V[7]) to 1 to change most 3 Byte
address commands to require 4 Bytes of address. The Read SFDP (RSFDP) command is the only 3 Byte command that is not
affected by the Address Length bit. RSFDP is required by the JEDEC JESD216 standard to always have only 3 Bytes of address.
A hardware or software reset is required to exit the 4 Byte address mode.
Figure 9.17
Enter 4 Byte Address Mode (4BAM B7h) Command Sequence
9.3.8
Read Any Register (RDAR 65h)
The Read Any Register (RDAR) command provides a way to read all device registers - non-volatile and volatile. The instruction is
followed by a 3 or 4 Byte address (depending on the address length configuration CR2V[7], followed by a number of latency
(dummy) cycles set by CR2V[3:0]. Then the selected register contents are returned. If the read access is continued the same
addressed register contents are returned until the command is terminated - only one register is read by each RDAR command.
The FS01GS requires that 4 Byte address mode is in use for this command so that the 4 Byte address will select the internal upper
or lower FS512S device to read. The 4BAM (B7h) command is used to enter 4 Byte address mode before using the RDAR
command. Address A26 = 0 selects the lower address FS512S and A26 = 1 selects the higher address FS512S.
Reading undefined locations provides undefined data.
The RDAR command may be used during embedded operations to read status register-1 (SR1V).
The RDAR command is not used for reading registers that act as a window into a larger array: ECCSR, PPBAR, and DYBAR. There
are separate commands required to select and read the location in the array accessed.
The RDAR command will read invalid data from the PASS register locations if the ASP Password protection mode is selected by
programming ASPR[2] to 0.
CS#
SCLK
SI
SO
Phase
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Register Read
Repeat Register Read
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Register Read
Repeat Register Read
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com