Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 90 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 90 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 86Page - Cypress Semiconductor S70FS01GS Datasheet HTML 87Page - Cypress Semiconductor S70FS01GS Datasheet HTML 88Page - Cypress Semiconductor S70FS01GS Datasheet HTML 89Page - Cypress Semiconductor S70FS01GS Datasheet HTML 90Page - Cypress Semiconductor S70FS01GS Datasheet HTML 91Page - Cypress Semiconductor S70FS01GS Datasheet HTML 92Page - Cypress Semiconductor S70FS01GS Datasheet HTML 93Page - Cypress Semiconductor S70FS01GS Datasheet HTML 94Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 90 of 141
Figure 9.24
Dual I/O Read Command Sequence (3-Byte Address, BBh [CR2V[7]=0])
Note:
1. Least significant 4 bits of Mode are don’t care and it is optional for the host to drive these bits. The host may turn off drive during these cycles to increase bus turn
around time between Mode bits from host and returning data from the memory. The Mode bits must not equal Axh, the Continuous Read Mode is not supported for the
S70FS01GS.
Figure 9.25
Dual I/O Read Command Sequence (4-Byte Address, BBh [CR2V[7]=1])
9.4.4
Quad I/O Read (QIOR EBh or 4QIOR ECh)
The instruction
EBh (CR2V[7]=0) is followed by a 3-byte address (A23-A0) or
EBh (CR2V[7]=1) is followed by a 4-byte address (A31-A0) or
ECh is followed by a 4-byte address (A31-A0)
The Quad I/O Read command improves throughput with four I/O signals — IO0-IO3. It allows input of the address bits four bits per
serial SCK clock. In some applications, the reduced instruction overhead might allow for code execution (XIP) directly from FS-S
Family devices. The QUAD bit of the Configuration Register must be set (CR1V[1]=1) to enable the Quad capability of FS-S Family
devices.
The maximum operating clock frequency for Quad I/O Read is 133MHz.
CS#
SCK
IO0
IO1
Phase
7
6
5
4
3
2
1
0 22
2
0
6
4
2
0
6
4
2
0
6
4
2
0
23
3
1
7
5
3
1
7
5
3
1
7
5
3
1
Instruction
Address
Mode
Dum
Data 1
Data 2
CS#
SCK
IO0
IO1
Phase
7
6
5
4
3
2
1
0 30
2
0
6
4
2
0
6
4
2
0
6
4
2
0
31
3
1
7
5
3
1
7
5
3
1
7
5
3
1
Instruction
Address
Mode
Dum
Data 1
Data 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com