Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 60 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 60 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 56Page - Cypress Semiconductor S70FS01GS Datasheet HTML 57Page - Cypress Semiconductor S70FS01GS Datasheet HTML 58Page - Cypress Semiconductor S70FS01GS Datasheet HTML 59Page - Cypress Semiconductor S70FS01GS Datasheet HTML 60Page - Cypress Semiconductor S70FS01GS Datasheet HTML 61Page - Cypress Semiconductor S70FS01GS Datasheet HTML 62Page - Cypress Semiconductor S70FS01GS Datasheet HTML 63Page - Cypress Semiconductor S70FS01GS Datasheet HTML 64Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 60 of 141
7.7.10
PPB Lock Register (PPBL)
Related Commands: PPB Lock Read (PLBRD A7h, PLBWR A6h), Read Any Register (RDAR 65h).
PPBL does not have separate user programmable non-volatile bits, all defined bits are volatile read only status. The default state of
the RFU bits is set by hardware. The default state of the PPBLOCK bit is defined by the ASP protection mode bits in ASPR[2:1].
There is no non-volatile version of the PPBL register.
The PPBLOCK bit is used to protect the PPB bits. When PPBL[0] = 0, the PPB bits can not be programmed. In read password
protection mode PPB Lock bit is also used to control the high order bits of address by forcing the address range to be limited to one
sector where boot code is stored, until the read password is supplied.
Table 7.21
PPB Lock Register (PPBL)
Bits
Field Name
Function
Type
Default State
Description
7 to 1
RFU
Reserved
Volatile
00h
Reserved for Future Use
0
PPBLOCK
Protect PPB Array
Volatile
Read Only
ASPR[2:1] = 1xb = Persistent
Protection Mode = 1
ASPR[2:1] = 01b = Password
Protection Mode = 0
0 = PPB array protected
1 = PPB array may be programmed or erased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com