Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 87 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 87 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 83Page - Cypress Semiconductor S70FS01GS Datasheet HTML 84Page - Cypress Semiconductor S70FS01GS Datasheet HTML 85Page - Cypress Semiconductor S70FS01GS Datasheet HTML 86Page - Cypress Semiconductor S70FS01GS Datasheet HTML 87Page - Cypress Semiconductor S70FS01GS Datasheet HTML 88Page - Cypress Semiconductor S70FS01GS Datasheet HTML 89Page - Cypress Semiconductor S70FS01GS Datasheet HTML 90Page - Cypress Semiconductor S70FS01GS Datasheet HTML 91Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 87 of 141
Figure 9.21
Set Burst Length Command Sequence
9.4
Read Memory Array Commands
Read commands for the main Flash array provide many options for prior generation SPI compatibility or enhanced performance SPI:
Some commands transfer address or data on each rising edge of SCK. These are called Single Data Rate commands
(SDR).
Some SDR commands transfer address one bit per rising edge of SCK and return data 1bit of data per rising edge of SCK.
These are called Single width commands.
Some SDR commands transfer both address and data 2 or 4 bits per rising edge of SCK. These are called Dual I/O for 2
bit, Quad I/O, and QPI for 4 bit. QPI also transfers instructions 4 bits per rising edge.
Some commands transfer address and data on both the rising edge and falling edge of SCK. These are called Double Data
Rate (DDR) commands.
There are DDR commands for 4 bits of address or data per SCK edge. These are called Quad I/O DDR and QPI DDR for 4
bit per edge transfer.
All of these commands, except QPI Read, begin with an instruction code that is transferred one bit per SCK rising edge. QPI Read
transfers the instruction 4 bits per SCK rising edge.The instruction is followed by either a 3 or 4 byte address transferred at SDR or
DDR. Commands transferring address or data 2 or 4 bits per clock edge are called Multiple I/O (MIO) commands. For FS-S Family
devices at 256Mbits or higher density, the traditional SPI 3 byte addresses are unable to directly address all locations in the memory
array. Separate 4 Byte address read commands are provided for access to the entire address space. These devices may be
configured to take a 4 byte address from the host system with the traditional 3 byte address commands. The 4 byte address mode
for traditional commands is activated by setting the Address Length bit in configuration register 2 to “0”.
The Quad I/O and QPI commands provide a performance improvement option controlled by mode bits that are sent following the
address bits. The mode bits indicate whether the command following the end of the current read will be another read of the same
type, without an instruction at the beginning of the read. These mode bits give the option to eliminate the instruction cycles when
doing a series of Quad read accesses.
Some commands require delay cycles following the address or mode bits to allow time to access the memory array - read latency.
The delay or read latency cycles are traditionally called dummy cycles. The dummy cycles are ignored by the memory thus any data
provided by the host during these cycles is “don’t care” and the host may also leave the SI signal at high impedance during the
dummy cycles. When MIO commands are used the host must stop driving the IO signals (outputs are high impedance) before the
end of last dummy cycle. When DDR commands are used the host must not drive the I/O signals during any dummy cycle. The
number of dummy cycles varies with the SCK frequency or performance option selected via the Configuration Register 2
(CR2V[3:0]) Latency Code. Dummy cycles are measured from SCK falling edge to next SCK falling edge. SPI outputs are
traditionally driven to a new value on the falling edge of each SCK. Zero dummy cycles means the returning data is driven by the
memory on the same falling edge of SCK that the host stops driving address or mode bits.
The DDR commands may optionally have an 8 edge Data Learning Pattern (DLP) driven by the memory, on all data outputs, in the
dummy cycles immediately before the start of data. The DLP can help the host memory controller determine the phase shift from
SCK to data edges so that the memory controller can capture data at the center of the data eye.
When using SDR I/O commands at higher SCK frequencies (>50 MHz), an LC that provides 1 or more dummy cycles should be
selected to allow additional time for the host to stop driving before the memory starts driving data, to minimize I/O driver conflict.
When using DDR I/O commands with the DLP enabled, an LC that provides 5 or more dummy cycles should be selected to allow 1
cycle of additional time for the host to stop driving before the memory starts driving the 4 cycle DLP.
CS#
SCLK
SI
SO
Phase
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Input Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com