Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 1 Page - Cypress Semiconductor

  S70FS01GS Datasheet HTML 1Page - Cypress Semiconductor S70FS01GS Datasheet HTML 2Page - Cypress Semiconductor S70FS01GS Datasheet HTML 3Page - Cypress Semiconductor S70FS01GS Datasheet HTML 4Page - Cypress Semiconductor S70FS01GS Datasheet HTML 5Page - Cypress Semiconductor S70FS01GS Datasheet HTML 6Page - Cypress Semiconductor S70FS01GS Datasheet HTML 7Page - Cypress Semiconductor S70FS01GS Datasheet HTML 8Page - Cypress Semiconductor S70FS01GS Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 141 page
background image
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-03833 Rev. *C
Revised Friday, April 21, 2017
S70FS01GS
1-Gbit (128 MByte), 1.8 V FS-S Flash
Features
 Serial Peripheral Interface (SPI) with Multi-I/O
– SPI Clock polarity and phase modes 0 and 3
– Double Data Rate (DDR)
– Extended Addressing - 24 or 32-bit address options
– Serial Command subset and footprint compatible with , S25FL1-K,
S25FL-P, and S25FL-S SPI families
– Multi I/O Command subset and footprint compatible with S25FL-P,
S25FL1-K and S25FL-S SPI families
 Read
– Commands: Normal, Fast, Dual I/O, Quad I/O, DDR Quad I/O
– Modes: Burst Wrap, QPI (QPI)
– Serial Flash Discoverable Parameters (SFDP) and Common Flash
Interface (CFI), for configuration information.
 Program
– 256 or 512 Bytes Page Programming buffer
– Program suspend and resume
– Automatic Error Checking and Correction (ECC) – internal hardware
ECC with single bit error correction
 Erase
– Hybrid sector option
– Physical set of eight 4 KBytes sectors and one 224 KBytes sector
at the top or bottom of address space with all remaining sectors of
256 KBytes
– Uniform sector option
– Physical uniform 256 KBytes blocks
– Erase suspend and resume
– Erase status evaluation
– 100,000 Program-Erase Cycles on any sector, minimum
– 20 year data retention, minimum
 Security features
– One Time Program (OTP) array of 1024 bytes
– Block Protection:
– Status Register bits to control protection against program or erase
of a contiguous range of sectors.
– Hardware and software control options
– Advanced Sector Protection (ASP)
– Individual sector protection controlled by boot code or password
– Option for password control of read access
 Technology
– Cypress 65 nm MirrorBit Technology with Eclipse Architecture
 Single Supply Voltage with CMOS I/O
– 1.7V to 2.0V
 Temperature Range
– Industrial (
40 °C to +85 °C)
– Industrial Plus (
40 °C to +105 °C)
– Automotive, AEC-Q100 Grade 3 (
40 °C to +85 °C)
– Automotive, AEC-Q100 Grade 2 (
40 °C to +105 °C)
– Automotive, AEC-Q100 Grade 1 (
40 °C to +125 °C)
 Packages (all Pb-free)
– 16-lead SOIC 300 mil
– BGA-24 6
 8 mm
–5
 5 ball footprint
Performance Summary
Maximum Read Rates
Command
Clock Rate
(MHz)
MBytes/s
Read
50
6.25
Fast Read
133
16.5
Dual Read
133
33
Quad Read
133
66
DDR Quad I/O Read
80
80
Typical Program and Erase Rates
Operation
KBytes/s
Page Programming (256 Bytes page buffer)
712
Page Programming (512 Bytes page buffer)
1080
4 KBytes Physical Sector Erase (Hybrid Sector Option)
28
256 KBytes Sector Erase (Uniform Logical Sector Option)
250
Typical Current Consumption,
40 °C to +85 °C
Operation
Current (mA)
Serial Read 50 MHz
18
Serial Read 133 MHz
25
Quad Read 133 MHz
60
Quad DDR Read 80 MHz
70
Program
60
Erase
60
Standby
0.14
Deep Power Down
0.014


Similar Part No. - S70FS01GS

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
1 Gbit (128 Mbyte) 3.0V SPI Flash
logo
NXP Semiconductors
S70FL01GS NXP-S70FL01GS Datasheet
4Mb / 71P
QorIQ LS1021A-IOT Gateway Reference Design Board Reference
Rev. 0, 03/2015
logo
Cypress Semiconductor
S70FL01GSAGBHIC10 CYPRESS-S70FL01GSAGBHIC10 Datasheet
355Kb / 19P
1 Gbit (128 Mbyte) 3.0V SPI Flash
S70FL01GSAGBHIC13 CYPRESS-S70FL01GSAGBHIC13 Datasheet
355Kb / 19P
1 Gbit (128 Mbyte) 3.0V SPI Flash
S70FL01GSAGMFI010 CYPRESS-S70FL01GSAGMFI010 Datasheet
355Kb / 19P
1 Gbit (128 Mbyte) 3.0V SPI Flash
More results

Similar Description - S70FS01GS

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
logo
Eon Silicon Solution In...
EN27SN1G08 EON-EN27SN1G08 Datasheet
951Kb / 44P
1 Gigabit (128 Mx 8), 1.8 V NAND Flash Memory
logo
Cypress Semiconductor
S25FS064S CYPRESS-S25FS064S Datasheet
11Mb / 147P
64 Mbit (8 Mbyte), 1.8-V FS-S Flash
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
S70GL02GT CYPRESS-S70GL02GT Datasheet
1Mb / 20P
2-Gbit (256-Mbyte) 3.0V Flash Memory
S25FL127S CYPRESS-S25FL127S Datasheet
2Mb / 142P
128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
1 Gbit (128 Mbyte) 3.0V SPI Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com