Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 47 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 47 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 43Page - Cypress Semiconductor S70FS01GS Datasheet HTML 44Page - Cypress Semiconductor S70FS01GS Datasheet HTML 45Page - Cypress Semiconductor S70FS01GS Datasheet HTML 46Page - Cypress Semiconductor S70FS01GS Datasheet HTML 47Page - Cypress Semiconductor S70FS01GS Datasheet HTML 48Page - Cypress Semiconductor S70FS01GS Datasheet HTML 49Page - Cypress Semiconductor S70FS01GS Datasheet HTML 50Page - Cypress Semiconductor S70FS01GS Datasheet HTML 51Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 47 of 141
7.7.1
Status Register-1
7.7.1.1
Status Register-1 Non-Volatile (SR1NV)
Related Commands: Read Any Register (RDAR 65h), Write Any Register (WRAR 71h)
Status Register Write Non-volatile (SRWD_NV) SR1NV[7]
: Places the device in the Hardware Protected mode when this bit is set
to 1 and the WP# input is driven low. In this mode, the Write Registers (WRR) and Write Any Register (WRAR) commands (that
select status register-1 or configuration register-1) are ignored and not accepted for execution, effectively locking the state of the
Status Register-1 and Configuration Register-1 (SR1NV, SR1V, CR1NV, or CR1V) bits, by making the registers read-only. If WP# is
high, Status Register-1 and Configuration Register-1 may be changed by the WRR or WRAR commands. If SRWD_NV is 0, WP#
has no effect and Status Register-1 and Configuration Register-1 may be changed by the WRR or WRAR commands. WP# has no
effect on the writing of any other registers. The SRWD_NV bit has the same non-volatile endurance as the main Flash array. The
SRWD (SR1V[7]) bit serves only as a copy of the SRWD_NV bit to provide zero read latency.
Program Error Default (P_ERR_D) SR1NV[6]
: Provides the default state for the Programming Error Status in SR1V[6]. This bit is
not user programmable.
Erase Error (E_ERR) SR1V[5]
: Provides the default state for the Erase Error Status in SR1V[5]. This bit is not user programmable.
Block Protection (BP_NV2, BP_NV1, BP_NV0) SR1NV[4:2]
: These bits define the main Flash array area to be software-protected
against program and erase commands. The BP bits are selected as either volatile or non-volatile, depending on the state of the BP
non-volatile bit (BPNV_O) in the configuration register CR1NV[3]. When CR1NV[3]=0 the non-volatile version of the BP bits
(SR1NV[4:2]) are used to control Block Protection and the WRR command writes SR1NV[4:2] and updates SR1V[4:2] to the same
value. When CR1NV[3]=1 the volatile version of the BP bits (SR1V[4:2]) are used to control Block Protection and the WRR
command writes SR1V[4:2] and does not affect SR1NV[4:2]. When one or more of the BP bits is set to 1, the relevant memory area
is protected against program and erase. The Bulk Erase (BE) command can be executed only when the BP bits are cleared to 0’s.
See Section 8.3 Block Protection on page 63 for a description of how the BP bit values select the memory array area protected. The
non-volatile version of the BP bits have the same non-volatile endurance as the main Flash array.
Write Enable Latch Default (WEL_D) SR1NV[1]
: Provides the default state for the WEL Status in SR1V[1]. This bit is programmed
by Cypress and is not user programmable.
Write In Progress Default (WIP_D) SR1NV[0]
: Provides the default state for the WIP Status in SR1V[0]. This bit is programmed by
Cypress and is not user programmable.
Table 7.5
Status Register-1 Non-Volatile (SR1NV)
Bits
Field Name
Function
Type
Default State
Description
7
SRWD_NV
Status Register
Write Disable
Default
Non-Volatile
0
1 = Locks state of SRWD, BP, and configuration register-1 bits when
WP# is low by not executing WRR or WRAR commands that would
affect SR1NV, SR1V, CR1NV, or CR1V.
0 = No protection, even when WP# is low
6
P_ERR_D
Programming Error
Default
Non-Volatile
Read Only
0
Provides the default state for the Programming Error Status. Not user
programmable.
5
E_ERR_D
Erase Error
Default
Non-Volatile
Read Only
0
Provides the default state for the Erase Error Status. Not user
programmable.
4
BP_NV2
Block Protection
Non-Volatile
Non-Volatile
000b
Protects the selected range of sectors (Block) from Program or
Erase when the BP bits are configured as non-volatile
(CR1NV[3]=0). Programmed to 111b when BP bits are configured to
volatile (CR1NV[3]=1).- after which these bits are no longer user
programmable.
3
BP_NV1
2
BP_NV0
1
WEL_D
WEL Default
Non-Volatile
Read Only
0
Provides the default state for the WEL Status. Not user
programmable.
0
WIP_D
WIP Default
Non-Volatile
Read Only
0
Provides the default state for the WIP Status. Not user
programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com