Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 5 Page - Cypress Semiconductor

  S70FS01GS Datasheet HTML 1Page - Cypress Semiconductor S70FS01GS Datasheet HTML 2Page - Cypress Semiconductor S70FS01GS Datasheet HTML 3Page - Cypress Semiconductor S70FS01GS Datasheet HTML 4Page - Cypress Semiconductor S70FS01GS Datasheet HTML 5Page - Cypress Semiconductor S70FS01GS Datasheet HTML 6Page - Cypress Semiconductor S70FS01GS Datasheet HTML 7Page - Cypress Semiconductor S70FS01GS Datasheet HTML 8Page - Cypress Semiconductor S70FS01GS Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 5 of 141
1.2.2.8
Separate Reset Input Not Supported
In some legacy SPI devices, a separate hardware RESET# input is supported in packages having more than 8 connections. The FS-
S family does not support a separate RESET# input. The FS-S family provides an alternate function for the IO3 input as a RESET#
input. When the CS# signal is high and the IO3/Reset feature is enabled, the IO3/RESET# input is used to initiate a hardware reset
when the input goes low.
1.2.2.9
Other Legacy Commands Not Supported
Autoboot Related Commands
Bank Address Related Commands
Dual Output Read
Quad Output Read
Quad Page Program (QPP) - replaced by Page Program in QPI mode
DDR Fast Read
DDR Dual I/O Read
Write Register
Read Configuration Register
Read Status Register 1
Read Status Register 2
Program NV Data Learning Register
ASP Program
Password Program
PPB Erase
Erase Program Suspend (B0h)
Erase Program Resume (30h)
1.2.2.10
New Features
The FS-S family introduces new features to Cypress SPI category memories:
Single 1.8V power supply for core and I/O voltage.
Configurable initial read latency (number of dummy cycles) for faster initial access time or higher clock rate read
commands
QPI (QPI, 4-4-4) read mode in which all transfers are 4 bits wide, including instructions
JEDEC JESD216 standard, Serial Flash Discoverable Parameters (SFDP) that provide device feature and configuration
information.
Evaluate Erase Status command to determine if the last erase operation on a sector completed successfully. This
command can be used to detect incomplete erase due to power loss or other causes. This command can be helpful to
Flash File System software in file system recovery after a power loss.
Advanced Sector Protection (ASP) Permanent Protection. A bit is added to the ASP register to provide the option to make
protection of the Persistent Protection Bits (PPB) permanent. Also, when one of the two ASP protection modes is selected,
all OTP configuration bits in all registers are protected from further programming so that all OTP configuration settings are
made permanent. The OTP address space is not protected by the selection of an ASP protection mode. The Freeze bit
(CR1V[0]) may be used to protect the OTP Address Space.
Single Chip Select (CS#) Dual Die Package (DDP) density option that uses two FS512S devices stacked within the same
package to provide 1Gbit of memory. The the two devices share the CS# input to provide a contiguous 1 Gbit (128 MByte)
address space. However, there are some behavior and software differences from the other members of the FS-S family
that are described in Section 12.4 FS01GS Behavior and Software Modifications on page 134.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com