Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 52 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 52 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 48Page - Cypress Semiconductor S70FS01GS Datasheet HTML 49Page - Cypress Semiconductor S70FS01GS Datasheet HTML 50Page - Cypress Semiconductor S70FS01GS Datasheet HTML 51Page - Cypress Semiconductor S70FS01GS Datasheet HTML 52Page - Cypress Semiconductor S70FS01GS Datasheet HTML 53Page - Cypress Semiconductor S70FS01GS Datasheet HTML 54Page - Cypress Semiconductor S70FS01GS Datasheet HTML 55Page - Cypress Semiconductor S70FS01GS Datasheet HTML 56Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 52 of 141
Freeze Protection (FREEZE) CR1V[0]
: The Freeze Bit, when set to 1, locks the current state of the Block Protection control bits
and OTP area:
BPNV_2-0 bits in the non-volatile Status Register 1 (SR1NV[4:2])
BP 2-0 bits in the volatile Status Register 1 (SR1V[4:2])
TBPROT_O, TBPARM_O, and BPNV_O bits in the non-volatile Configuration Register (CR1NV[53, 2])
TBPROT, TBPARM, and BPNV bits in the volatile Configuration Register (CR1V[5, 3, 2]) are indirectly protected in that they
are shadows of the related CR1NV OTP bits and are read only
the entire OTP memory space
Any attempt to change the above listed bits while FREEZE = 1 is prevented:
The WRR command does not affect the listed bits and no error status is set.
The WRAR command does not affect the listed bits and no error status is set.
The OTPP command, with an address within the OTP area, fails and the P-ERR status is set.
As long as the FREEZE bit remains cleared to logic 0 the Block Protection control bits and FREEZE are writable, and the OTP
address space is programmable.
Once the FREEZE bit has been written to a logic 1 it can only be cleared to a logic 0 by a power-off to power-on cycle or a hardware
reset. Software reset will not affect the state of the FREEZE bit.
The CR1V[0] FREEZE bit is volatile and the default state of FREEZE after power-on comes from FREEZE_D in CR1NV[0]. The
FREEZE bit can be set in parallel with updating other values in CR1V by a single WRR or WRAR command.
The FREEZE bit does not prevent the WRR or WRAR commands from changing the SRWD_NV (SR1NV[7]), Quad_NV
(CR1NV[1]), or QUAD (CR1V[1]) bits.
7.7.4
Configuration Register 2
Configuration register 2 controls certain interface functions. The register bits can be read and changed using the Read Any Register
and Write Any Register commands. The non-volatile version of the register provides the ability to set the POR, hardware reset, or
software reset state of the controls. These configuration bits are OTP and may only have their default state changed to the opposite
value one time during system configuration. The volatile version of the register controls the feature behavior during normal
operation.
7.7.4.1
Configuration Register 2 Non-volatile (CR2NV)
Related Commands: Read Any Register (RDAR 65h), Write Any Register (WRAR 71h).
Table 7.10
Configuration Register 2 Non-volatile (CR2NV)
Bits
Field Name
Function
Type
Default
State
Description
7
AL_NV
Address Length
OTP
0
1= 4 byte address
0= 3 byte address
6
QA_NV
QPI
0
1= Enabled -- QPI (4-4-4) protocol in use
0= Disabled -- Legacy SPI protocols in use, instruction is always
serial on SI
5
IO3R_NV
IO3 Reset
0
1= Enabled -- IO3 is used as RESET# input when CS# is high or
Quad Mode is disabled CR1V[1]=1
0= Disabled -- IO3 has no alternate function, hardware reset is
disabled.
4
RFU
Reserved
0
Reserved For Future Use
3
RL_NV
Read Latency
1
0 to 15 latency (dummy) cycles following read address or continuous
mode bits.
Note that bit 3 has a default value of 1 and may be programmed one
time to 0 but cannot be returned to 1.
2
0
1
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com