Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 89 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 89 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 85Page - Cypress Semiconductor S70FS01GS Datasheet HTML 86Page - Cypress Semiconductor S70FS01GS Datasheet HTML 87Page - Cypress Semiconductor S70FS01GS Datasheet HTML 88Page - Cypress Semiconductor S70FS01GS Datasheet HTML 89Page - Cypress Semiconductor S70FS01GS Datasheet HTML 90Page - Cypress Semiconductor S70FS01GS Datasheet HTML 91Page - Cypress Semiconductor S70FS01GS Datasheet HTML 92Page - Cypress Semiconductor S70FS01GS Datasheet HTML 93Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 89 of 141
Figure 9.23
Fast Read (FAST_READ) Command Sequence (3-Byte Address, 0Bh [CR2V[7]=0)
Note:
1. A = MSB of address = 23 for CR2V[7]=0, or 31 for CR2V[7]=1 or command 0Ch
9.4.3
Dual I/O Read (DIOR BBh or 4DIOR BCh)
The instruction
BBh (CR2V[7]=0) is followed by a 3-byte address (A23-A0) or
BBh (CR2V[7]=1) is followed by a 4-byte address (A31-A0) or
BCh is followed by a 4-byte address (A31-A0)
The Dual I/O Read commands improve throughput with two I/O signals — IO0 (SI) and IO1 (SO). This command takes input of the
address and returns read data two bits per SCK rising edge. In some applications, the reduced address input and data output time
might allow for code execution in place (XIP) i.e. directly from the memory device.
The maximum operating clock frequency for Dual I/O Read is 133 MHz.
The Dual I/O Read command has continuous read mode bits that follow the address. For the S70FS01GS, do not enable the
Continuous Read Mode, this will cause bus contention between the two 512Mb die. The first Dual I/O Read command in a series
starts with the 8 bit instruction, followed by address, followed by four cycles of mode bits not equal to Axh, followed by an optional
latency period.
Variable latency may be added after the mode bits are shifted into SI & SO before data begins shifting out of IO0 & IO1. This latency
period (dummy cycles) allows the device internal circuitry enough time to access data at the initial address. During the dummy
cycles, the data value on SI & SO are “don’t care” and may be high impedance. The number of dummy cycles is determined by the
frequency of SCK. The latency is configured in CR2V[3:0].
Note that the four mode bit cycles are part of the device’s internal circuitry latency time to access the initial address after the last
address cycle that is clocked into IO0 (SI) & IO1 (SO).
It is important that the I/O signals be set to high-impedance at or before the falling edge of the first data out clock. At higher clock
speeds the time available to turn off the host outputs before the memory device begins to drive (bus turn around) is diminished. It is
allowed and may be helpful in preventing I/O signal contention, for the host system to turn off the I/O signal outputs (make them high
impedance) during the last two “don’t care” mode cycles or during any dummy cycles.
Following the latency period the memory content, at the address given, is shifted out two bits at a time through IO0 (SI) and IO1
(SO). Two bits are shifted out at the SCK frequency at the falling edge of SCK signal.
The address can start at any byte location of the memory array. The address is automatically incremented to the next higher address
in sequential order after each byte of data is shifted out. The entire memory can therefore be read out with one single read
instruction and address 000000h provided. When the highest address is reached, the address counter will wrap around and roll back
to 000000h, allowing the read sequence to be continued indefinitely.
CS# should not be driven high during mode or dummy bits as this may make the mode bits indeterminate.
CS#
SCK
SI
SO
Phase
7 6
5
4
3 2
1
0 A
1
0
7
6 5
4
3 2
1 0
Instruction
Address
Dummy Cycles
Data 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com