Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 27Page - Cypress Semiconductor S70FS01GS Datasheet HTML 28Page - Cypress Semiconductor S70FS01GS Datasheet HTML 29Page - Cypress Semiconductor S70FS01GS Datasheet HTML 30Page - Cypress Semiconductor S70FS01GS Datasheet HTML 31Page - Cypress Semiconductor S70FS01GS Datasheet HTML 32Page - Cypress Semiconductor S70FS01GS Datasheet HTML 33Page - Cypress Semiconductor S70FS01GS Datasheet HTML 34Page - Cypress Semiconductor S70FS01GS Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 31 of 141
Figure 5.5
Reset high at the end of POR
Figure 5.6
POR followed by Hardware Reset
5.3.2
IO3 / RESET# Input Initiated Hardware (Warm) Reset
The IO3 / RESET# signal functions as the RESET# input when CS# is high for more than tCS time or when Quad Mode is not
enabled CR1V[1]=0. The IO3 / RESET# input has an internal pull-up to VDD and may be left unconnected if Quad mode is not used.
The tCS delay after CS# goes high gives the memory or host system time to drive IO3 high after its use as a Quad mode I/O signal
while CS# was low. The internal pull-up to VDD will then hold IO3 / RESET# high until the host system begins driving IO3 / RESET#.
The IO3 / RESET# input is ignored while CS# remains high during tCS, to avoid an unintended Reset operation. If CS# is driven low
to start a new command, IO3 / RESET# is used as IO3.
When the device is not in quad mode or, when CS# is high, and IO3 / RESET# transitions from VIH to VIL for > tRP, following tCS, the
device will reset register states in the same manner as power-on reset but, does not go through the full reset process that is
performed during POR. The hardware reset process requires a period of tRPH to complete. If the POR process did not complete
correctly for any reason during power-up (tPU), RESET# going low will initiate the full POR process instead of the hardware reset
process and will require tPU to complete the POR process.
The RESET command is independent of the state of IO3 / RESET#. If IO3 / RESET# is high or unconnected, and the RESET
instruction is issued, the device will perform software reset.
Additional IO3 RESET# notes:
IO3 / RESET# must be high for tRS following tPU or tRPH, before going low again to initiate a hardware reset.
When IO3 / RESET# is driven low for at least a minimum period of time (tRP), following tCS, the device terminates any
operation in progress, makes all outputs high impedance, and ignores all read/write commands for the duration of tRPH.
The device resets the interface to standby state.
If Quad mode and the IO3 / RESET# feature are enabled, the host system should not drive IO3 low during tCS, to avoid
driver contention on IO3. Immediately following commands that transfer data to the host in Quad mode, e.g. Quad I/O
Read, the memory drives IO3 / Reset high during tCS, to avoid an unintended Reset operation. Immediately following
commands that transfer data to the memory in Quad mode, e.g. Page Program, the host system should drive IO3 / Reset
high during tCS, to avoid an unintended Reset operation.
If Quad mode is not enabled, and if CS# is low at the time IO3 / RESET# is asserted low, CS# must return high during tRPH
before it can be asserted low again after tRH.
VCC
RESET#
CS#
If RESET# is high at tPU end
CS# may stay high or go low at tPU end
tPU
tPU
VCC
RESET#
CS#
tRS
tPU
tPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com