Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 72 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 72 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 68Page - Cypress Semiconductor S70FS01GS Datasheet HTML 69Page - Cypress Semiconductor S70FS01GS Datasheet HTML 70Page - Cypress Semiconductor S70FS01GS Datasheet HTML 71Page - Cypress Semiconductor S70FS01GS Datasheet HTML 72Page - Cypress Semiconductor S70FS01GS Datasheet HTML 73Page - Cypress Semiconductor S70FS01GS Datasheet HTML 74Page - Cypress Semiconductor S70FS01GS Datasheet HTML 75Page - Cypress Semiconductor S70FS01GS Datasheet HTML 76Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 72 of 141
operation is in progress, it is recommended to check that the Write-In Progress (WIP) bit is 0 before issuing most
commands to the device, to ensure the new command can be accepted.
Depending on the command, the time for execution varies. A command to read status information from an executing
command is available to determine when the command completes execution and whether the command was successful.
Although host software in some cases is used to directly control the SPI interface signals, the hardware interfaces of the
host system and the memory device generally handle the details of signal relationships and timing. For this reason, signal
relationships and timing are not covered in detail within this software interface focused section of the document. Instead,
the focus is on the logical sequence of bits transferred in each command rather than the signal timing and relationships.
Following are some general signal relationship descriptions to keep in mind. For additional information on the bit level
format and signal timing relationships of commands, see Section 3.2 Command Protocol on page 14.
–
The host always controls the Chip Select (CS#), Serial Clock (SCK), and Serial Input (SI) - SI for single bit wide
transfers. The memory drives Serial Output (SO) for single bit read transfers. The host and memory alternately drive
the IO0-IO3 signals during Dual and Quad transfers.
–
All commands begin with the host selecting the memory by driving CS# low before the first rising edge of SCK. CS# is
kept low throughout a command and when CS# is returned high the command ends. Generally, CS# remains low for
eight bit transfer multiples to transfer byte granularity information. Some commands will not be accepted if CS# is
returned high not at an 8 bit boundary.
9.1
Command Set Summary
9.1.1
Extended Addressing
To accommodate addressing above 128 Mb, there are two options:
1. Instructions that always require a 4-Byte address, used to access up to 32 Gb of memory:
2. A 4 Byte address mode for backward compatibility to the 3 Byte address instructions. The standard 3 Byte instructions
can be used in conjunction with a 4 Byte address mode controlled by the Address Length configuration bit (CR2V[7]). The
default value of CR2V[7] is loaded from CR2NV[7] (following power up, hardware reset, or software reset), to enable
default 3-Byte (24-bit) or 4 Byte (32 bit) addressing. When the address length (CR2V[7]) set to 1, the legacy commands
are changed to require 4-Bytes (32-bits) for the address field. The following instructions can be used in conjunction with
the 4 Byte address mode configuration to switch from 3-Bytes to 4-Bytes of address field.
Command Name
Function
Instruction (Hex)
4READ
Read
13
4FAST_READ
Read Fast
0C
4DIOR
Dual I/O Read
BC
4QIOR
Quad I/O Read
EC
4DDRQIOR
DDR Quad I/O Read
EE
4PP
Page Program
12
4P4E
Parameter 4 KB Erase
21
4SE
Erase 256 KB
DC
4ECCRD
ECC Status Read
18
4DYBRD
DYB Read
E0
4DYBWR
DYBWR
E1
4PPBRD
PPB Read
E2
4PPBP
PPB Program
E3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com