Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 57 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 57 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 53Page - Cypress Semiconductor S70FS01GS Datasheet HTML 54Page - Cypress Semiconductor S70FS01GS Datasheet HTML 55Page - Cypress Semiconductor S70FS01GS Datasheet HTML 56Page - Cypress Semiconductor S70FS01GS Datasheet HTML 57Page - Cypress Semiconductor S70FS01GS Datasheet HTML 58Page - Cypress Semiconductor S70FS01GS Datasheet HTML 59Page - Cypress Semiconductor S70FS01GS Datasheet HTML 60Page - Cypress Semiconductor S70FS01GS Datasheet HTML 61Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 57 of 141
7.7.6
Configuration Register 4
Configuration register 4 controls the main Flash array read commands burst wrap behavior. The burst wrap configuration does not
affect commands reading from areas other than the main Flash array e.g. read commands for registers or OTP array. The non-
volatile version of the register provides the ability to set the start up (boot) state of the controls as the contents are copied to the
volatile version of the register during the POR, hardware reset, or software reset. The volatile version of the register controls the
feature behavior during normal operation. The register bits can be read and changed using the Read Any Register and Write Any
Register commands. The volatile version of the register can also be written by the Set Burst Length (C0h) command.
7.7.6.1
Configuration Register 4 Non-volatile (CR4NV)
Related Commands: Read Any Register (RDAR 65h), Write Any Register (WRAR 71h).
Output Impedance Non-volatile CR4NV[7:5]:
These bits control the POR, hardware reset, or software reset state of the IO signal
output impedance (drive strength). Multiple drive strength are available to help match the output impedance with the system printed
circuit board environment to minimize overshoot and ringing. These non-volatile output impedance configuration bits enable the
device to start immediately (boot) with the appropriate drive strength.
Wrap Enable Non-volatile CR4NV[4]:
This bit controls the POR, hardware reset, or software reset state of the wrap enable. The
commands affected by Wrap Enable are: Quad I/O Read, and DDR Quad I/O Read. This configuration bit enables the device to start
immediately (boot) in wrapped burst read mode rather than the legacy sequential read mode.
Wrap Length Non-volatile CR4NV[1:0]:
These bits controls the POR, hardware reset, or software reset state of the wrapped read
length and alignment. These non-volatile configuration bits enable the device to start immediately (boot) in wrapped burst read mode
rather than the legacy sequential read mode.
Table 7.15
Configuration Register 4 Non-volatile (CR4NV)
Bits
Field Name
Function
Type
Default
State
Description
7
OI_O
Output Impedance
OTP
0
See Table 7.16, Output Impedance Control on page 57
6
0
5
0
4
WE_O
Wrap Enable
1
0= Wrap Enabled
1= Wrap Disabled
3
RFU
Reserved
0
Reserved for Future Use
2
RFU
Reserved
0
Reserved for Future Use
1
WL_O
Wrap Length
0
00 = 8-byte wrap
01= 16 byte wrap
10= 32 byte wrap
11= 64 byte wrap
0
0
Table 7.16
Output Impedance Control
CR4NV[7:5]
Impedance Selection
Typical Impedance to VSS (Ohms)
Typical Impedance to VDD (Ohms)
Notes
000
47
45
Factory Default
001
124
105
010
71
64
011
47
45
100
34
35
101
26
28
110
22
24
111
18
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com