Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 20Page - Cypress Semiconductor S70FS01GS Datasheet HTML 21Page - Cypress Semiconductor S70FS01GS Datasheet HTML 22Page - Cypress Semiconductor S70FS01GS Datasheet HTML 23Page - Cypress Semiconductor S70FS01GS Datasheet HTML 24Page - Cypress Semiconductor S70FS01GS Datasheet HTML 25Page - Cypress Semiconductor S70FS01GS Datasheet HTML 26Page - Cypress Semiconductor S70FS01GS Datasheet HTML 27Page - Cypress Semiconductor S70FS01GS Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 24 of 141
4.3.3
Input Signal Overshoot
During DC conditions, input or I/O signals should remain equal to or between VSS and VDD. During voltage transitions, inputs or I/Os
may overshoot VSS to -1.0V or overshoot to VDD +1.0V, for periods up to 20 ns.
Figure 4.1
Maximum Negative Overshoot Waveform
Figure 4.2
Maximum Positive Overshoot Waveform
4.4
Power-Up and Power-Down
The device must not be selected at power-up or power-down (that is, CS# must follow the voltage applied on VDD) until VDD reaches
the correct value as follows:
VDD (min) at power-up, and then for a further delay of tPU
VSS at power-down
A simple pull-up resistor on Chip Select (CS#) can usually be used to insure safe and proper power-up and power-down.
The device ignores all instructions until a time delay of tPU has elapsed after the moment that VDD rises above the minimum VDD
threshold. See Figure 4.3. However, correct operation of the device is not guaranteed if VDD returns below VDD (min) during tPU. No
command should be sent to the device until the end of tPU.
The device draws IPOR during tPU. After power-up (tPU), the device is in Standby mode, draws CMOS standby current (ISB), and the
WEL bit is reset.
During power-down or voltage drops below VDD(cut-off), the voltage must drop below VDD(low) for a period of tPD for the part to
initialize correctly on power-up. See Figure 4.4. If during a voltage drop the VDD stays above VDD(cut-off) the part will stay initialized
and will work correctly when VDD is again above VDD(min). In the event Power-on Reset (POR) did not complete correctly after
power up, the assertion of the RESET# signal or receiving a software reset command (RESET) will restart the POR process.
Normal precautions must be taken for supply rail decoupling to stabilize the VDD supply at the device. Each device in a system
should have the VDD rail decoupled by a suitable capacitor close to the package supply connection (this capacitor is generally of the
order of 0.1µf).
Table 4.2
FS-S Power-Up / Power-Down Voltage and Timing
Symbol
Parameter
Min
Max
Unit
VDD (min)
VDD (minimum operation voltage)
1.7
V
VDD (cut-off)
VDD (Cut 0ff where re-initialization is needed)
1.5
V
VSS to VDD
- 1.0V
< = 20 ns
VDD + 1.0V
< = 20 ns
VSS to VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com