Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 79 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 79 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 75Page - Cypress Semiconductor S70FS01GS Datasheet HTML 76Page - Cypress Semiconductor S70FS01GS Datasheet HTML 77Page - Cypress Semiconductor S70FS01GS Datasheet HTML 78Page - Cypress Semiconductor S70FS01GS Datasheet HTML 79Page - Cypress Semiconductor S70FS01GS Datasheet HTML 80Page - Cypress Semiconductor S70FS01GS Datasheet HTML 81Page - Cypress Semiconductor S70FS01GS Datasheet HTML 82Page - Cypress Semiconductor S70FS01GS Datasheet HTML 83Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 79 of 141
Figure 9.4
RSFDP Command Sequence
This command is also supported in QPI mode. In Quad AIl mode the instruction is shifted in on IO0-IO3 and the returning data is
shifted out on IO0-IO3.
Figure 9.5
RSFDP QPI Mode Command Sequence
9.3
Register Access Commands
The following register access commands are not supported in the FS01GS: WRR (01h), RDCR (35h), RDSR1 (05h), RDSR2 (07h),
PNVDLR (43h). The RDAR (65h) and WRAR (71h) commands must be used for reading and writing the registers so that the
command address directs the operation to the lower or upper FS512S device in the DDP.
9.3.1
Write Enable (WREN 06h)
The Write Enable (WREN) command sets the Write Enable Latch (WEL) bit of the Status Register 1 (SR1V[1]) to a “1”. The Write
Enable Latch (WEL) bit must be set to a “1” by issuing the Write Enable (WREN) command to enable write, program and erase
commands.
CS# must be driven into the logic high state after the eighth bit of the instruction byte has been latched in on SI. Without CS# being
driven to the logic high state after the eighth bit of the instruction byte has been latched in on SI, the write enable operation will not
be executed.
Because the FS01GS is constructed from two FS512S devices stacked in a DDP, the WREN command sets the WEL bit to 1 in both
FS512S devices. Only the FS512S device that later executes a write, program, or erase command will return the WEL bit in that
device back to 0 at the end of the command execution. A Write Disable (WRDI) command must be issued to return the WEL bit to 0
in both devices. The WRDI command can be issued after each write, program, or erase command completes or once after a
sequence of such commands is completed. A WREN command is still required before each write, program, or erase command to
ensure the WEL bit is 1 before the command is executed.
Figure 9.6
Write Enable (WREN) Command Sequence
CS
SCLK
SI
SO
Phase
7 6 5 4 3 2 1 0 23
1 0
7 6 5 4 3 2 1 0
Instruction
Address
Dummy Cycles
Data 1
CS#
SCK
SI
SO
Phase
7 6
5
4
3 2
1
0 23
1
0
7
6 5
4
3
2
1 0
Instruction
Address
Dummy Cycles
Data 1
CS#
SCLK
IO0
IO1
IO2
IO3
Phase
4
0
20
4
0
4
0
4
0
4
0
4
0
5
1
21
5
1
5
1
5
1
5
1
5
1
6
2
22
6
2
6
2
6
2
6
2
6
2
7
3
23
7
3
7
3
7
3
7
3
7
3
Instruct.
Address
Dummy
D1
D2
D3
D4
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com