Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 62 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 62 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 58Page - Cypress Semiconductor S70FS01GS Datasheet HTML 59Page - Cypress Semiconductor S70FS01GS Datasheet HTML 60Page - Cypress Semiconductor S70FS01GS Datasheet HTML 61Page - Cypress Semiconductor S70FS01GS Datasheet HTML 62Page - Cypress Semiconductor S70FS01GS Datasheet HTML 63Page - Cypress Semiconductor S70FS01GS Datasheet HTML 64Page - Cypress Semiconductor S70FS01GS Datasheet HTML 65Page - Cypress Semiconductor S70FS01GS Datasheet HTML 66Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 62 of 141
8.
Data Protection
8.1
Secure Silicon Region (OTP)
The device has a 1024 byte One Time Program (OTP) address space that is separate from the main Flash array. The OTP area is
divided into 32, individually lockable, 32 byte aligned and length regions.
The OTP memory space is intended for increased system security. OTP values can “mate” a flash component with the system CPU/
ASIC to prevent device substitution. See Section 7.5 OTP Address Space on page 44, Section 9.7.1 OTP Program (OTPP 42h)
on page 104, and Section 9.7.2 OTP Read (OTPR 4Bh) on page 104.
8.1.1
Reading OTP Memory Space
The OTP Read command uses the same protocol as Fast Read. OTP Read operations outside the valid 1KB OTP address range
will yield indeterminate data.
8.1.2
Programming OTP Memory Space
The protocol of the OTP programming command is the same as Page Program. The OTP Program command can be issued multiple
times to any given OTP address, but this address space can never be erased.
Automatic ECC is programmed on the first programming operation to each 16 byte region. Programming within a 16 byte region
more than once disables the ECC. It is recommended to program each 16 byte portion of each 32 byte region once so that ECC
remains enabled to provide the best data integrity.
The valid address range for OTP Program is depicted in Figure 7.1, OTP Address Space on page 44. OTP Program operations
outside the valid OTP address range will be ignored, without P_ERR in SR1V set to “1”. OTP Program operations within the valid
OTP address range, while FREEZE = 1, will fail with P_ERR in SR1V set to “1”. The OTP address space is not protected by the
selection of an ASP protection mode. The Freeze bit (CR1V[0]) may be used to protect the OTP Address Space.
8.1.3
Cypress Programmed Random Number
Cypress standard practice is to program the low order 16 bytes of the OTP memory space (locations 0x0 to 0xF) with a 128-bit
random number using the Linear Congruential Random Number Method. The seed value for the algorithm is a random number
concatenated with the day and time of tester insertion.
8.1.4
Lock Bytes
The LSB of each Lock byte protects the lowest address region related to the byte, the MSB protects the highest address region
related to the byte. The next higher address byte similarly protects the next higher 8 regions. The LSB bit of the lowest address Lock
Byte protects the higher address 16 bytes of the lowest address region. In other words, the LSB of location 0x10 protects all the Lock
Bytes and RFU bytes in the lowest address region from further programming. See Section 7.5 OTP Address Space on page 44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com