Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 22Page - Cypress Semiconductor S70FS01GS Datasheet HTML 23Page - Cypress Semiconductor S70FS01GS Datasheet HTML 24Page - Cypress Semiconductor S70FS01GS Datasheet HTML 25Page - Cypress Semiconductor S70FS01GS Datasheet HTML 26Page - Cypress Semiconductor S70FS01GS Datasheet HTML 27Page - Cypress Semiconductor S70FS01GS Datasheet HTML 28Page - Cypress Semiconductor S70FS01GS Datasheet HTML 29Page - Cypress Semiconductor S70FS01GS Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 26 of 141
4.5
DC Characteristics
4.5.1
Industrial
Applicable within operating
40 °C to +85 °C range.
Notes:
1. Typical values are at TAI = 25°C and VDD = 1.8V.
2.
Outputs unconnected during read data return. Output switching current is not included.
Table 4.3
FS01GS DC Characteristics — Industrial
Symbol
Parameter
Test Conditions
Min
Typ
(1)
Max
Unit
VIL
Input Low Voltage
0.5
0.3
 VDD
V
VIH
Input High Voltage
0.7
 VDD
VDD+0.4
V
VOL
Output Low Voltage
IOL = 0.1 mA
0.2
V
VOH
Output High Voltage
IOH = –0.1 mA
VDD - 0.2
V
ILI
Input Leakage Current
VDD=VDD Max, VIN=VIH or VSS, CS# = VIH
±4
µA
ILO
Output Leakage Current
VDD=VDD Max, VIN=VIH or VSS, CS# = VIH
±4
µA
ICC1
Active Power Supply
Current (READ) (2)
Serial SDR@50 MHz
Serial SDR@133 MHz
Quad SDR@133 MHz
Quad DDR@80 MHz
18
25
60
70
25
45
65
90
mA
ICC2
Active Power Supply
Current (Page Program)
CS#=VDD
60
100
mA
ICC3
Active Power Supply
Current (WRR or WRAR)
CS#=VDD
60
100
mA
ICC4
Active Power Supply
Current (SE)
CS#=VDD
60
100
mA
ICC5
Active Power Supply
Current (BE)
CS#=VDD
60
100
mA
ISB
Standby Current
IO3/RESET#, CS#=VDD; SI, SCK = VDD or VSS,
Industrial Temp
140
200
µA
IDPD
Deep Power Down Current
IO3/RESET#, CS#=VDD; SI, SCK = VDD or VSS,
Industrial Temp
16
120
µA
IPOR
Power On Reset Current
IO3/RESET#, CS#=VDD; SI, SCK = VDD or VSS
160
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com