Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 67 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 67 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 63Page - Cypress Semiconductor S70FS01GS Datasheet HTML 64Page - Cypress Semiconductor S70FS01GS Datasheet HTML 65Page - Cypress Semiconductor S70FS01GS Datasheet HTML 66Page - Cypress Semiconductor S70FS01GS Datasheet HTML 67Page - Cypress Semiconductor S70FS01GS Datasheet HTML 68Page - Cypress Semiconductor S70FS01GS Datasheet HTML 69Page - Cypress Semiconductor S70FS01GS Datasheet HTML 70Page - Cypress Semiconductor S70FS01GS Datasheet HTML 71Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 67 of 141
The Persistent Protection method sets the PPB Lock bit to “1” during POR, or Hardware Reset so that the PPB bits are unprotected
by a device reset. There is a command to clear the PPB Lock bit to “0” to protect the PPB. There is no command in the Persistent
Protection method to set the PPB Lock bit to “1”, therefore the PPB Lock bit will remain at “0” until the next power-off or hardware
reset. The Persistent Protection method allows boot code the option of changing sector protection by programming or erasing the
PPB, then protecting the PPB from further change for the remainder of normal system operation by clearing the PPB Lock bit to “0”.
This is sometimes called Boot-code controlled sector protection.
The Password method clears the PPB Lock bit to “0” during POR, or Hardware Reset to protect the PPB. A 64 bit password may be
permanently programmed and hidden for the password method. A command can be used to provide a password for comparison with
the hidden password. If the password matches, the PPB Lock bit is set to “1” to unprotect the PPB. A command can be used to clear
the PPB Lock bit to “0”. This method requires use of a password to control PPB protection.
The selection of the PPB Lock bit management method is made by programming OTP bits in the ASP Register so as to permanently
select the method used.
8.4.1
ASP Register
The ASP register is used to permanently configure the behavior of Advanced Sector Protection (ASP) features. See Table 7.19,
ASP Register (ASPR) on page 59.
As shipped from the factory, all devices default ASP to the Persistent Protection mode, with all sectors unprotected, when power is
applied. The device programmer or host system must then choose which sector protection method to use. Programming either of
the, one-time programmable, Protection Mode Lock Bits, locks the part permanently in the selected mode:
ASPR[2:1] = “11” = No ASP mode selected, Persistent Protection Mode is the default.
ASPR[2:1] = “10” = Persistent Protection Mode permanently selected.
ASPR[2:1] = “01” = Password Protection Mode permanently selected.
ASPR[2:1] = “00” is an Illegal condition, attempting to program more than one bit to zero results in a programming failure.
ASP register programming rules:
If the password mode is chosen, the password must be programmed prior to setting the Protection Mode Lock Bits.
Once the Protection Mode is selected, the following OTP configuration Register bits are permanently protected from
programming and no further changes to the OTP register bits is allowed:
–
CR1NV[5:2]
–CR2NV
–CR3NV
–CR4NV
–
ASPR
–
PASS
–NVDLR
–
If an attempt to change any of the registers above, after the ASP mode is selected, the operation will fail and P_ERR
(SR1V[6]) will be set to 1.
The programming time of the ASP Register is the same as the typical page programming time. The system can determine the status
of the ASP register programming operation by reading the WIP bit in the Status Register. See Section 7.7.1 Status Register-1
on page 47 for information on WIP.
See Section 8.4.5 Sector Protection States Summary on page 68.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com