Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 85 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 85 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 81Page - Cypress Semiconductor S70FS01GS Datasheet HTML 82Page - Cypress Semiconductor S70FS01GS Datasheet HTML 83Page - Cypress Semiconductor S70FS01GS Datasheet HTML 84Page - Cypress Semiconductor S70FS01GS Datasheet HTML 85Page - Cypress Semiconductor S70FS01GS Datasheet HTML 86Page - Cypress Semiconductor S70FS01GS Datasheet HTML 87Page - Cypress Semiconductor S70FS01GS Datasheet HTML 88Page - Cypress Semiconductor S70FS01GS Datasheet HTML 89Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 85 of 141
This command is also supported in QPI mode. In Quad AIl mode the instruction is shifted in on IO0-IO3, two clock cycles per byte.
Figure 9.19
Read Any Register, QPI Mode, CR2[7] = 0, Command Sequence
Figure 9.20
Read Any Register, QPI Mode, CR2[7] = 1 Command Sequence
9.3.9
Write Any Register (WRAR 71h)
The Write Any Register (WRAR) command provides a way to write any device register - non-volatile or volatile. The instruction is
followed by a 3 or 4 Byte address (depending on the address length configuration CR2V[7], followed by one byte of data to write in
the address selected register.
The FS01GS requires that 4 Byte address mode is in use for this command so that the 4 Byte address will select the internal upper
or lower FS512S device to write. The 4BAM (B7h) command may be used to enter 4 Byte address mode before using the WRAR
command. Address A26 = 0 selects the lower address FS512S and A26 = 1 selects the higher address FS512S.
Before the WRAR command can be accepted by the device, a Write Enable (WREN) command must be issued and decoded by the
device, which sets the Write Enable Latch (WEL) in the Status Register to enable any write operations. The WIP bit in SR1V may be
checked to determine when the operation is completed. The P_ERR and E_ERR bits in SR1V may be checked to determine if any
error occurred during the operation.
Some registers have a mixture of bit types and individual rules controlling which bits may be modified. Some bits are read only,
some are OTP.
Read only bits are never modified and the related bits in the WRAR command data byte are ignored without setting a program or
erase error indication (P_ERR or E_ERR in SR1V). Hence, the value of these bits in the WRAR data byte do not matter.
OTP bits may only be programmed to the level opposite of their default state. Writing of OTP bits back to their default state is
ignored and no error is set.
Non-volatile bits which are changed by the WRAR data, require non-volatile register write time (tW) to be updated. The update
process involves an erase and a program operation on the non-volatile register bits. If either the erase or program portion of the
update fails the related error bit and WIP in SR1V will be set to 1.
Volatile bits which are changed by the WRAR data, require the volatile register write time (tCS) to be updated.
CS#
SCLK
IO0
IO1
IO2
IO3
Phase
4
0
20
4
0
4
0
4
0
4
0
4
0
5
1
21
5
1
5
1
5
1
5
1
5
1
6
2
22
6
2
6
2
6
2
6
2
6
2
7
3
23
7
3
7
3
7
3
7
3
7
3
Instruct.
Address
Dummy
D1
D2
D3
D4
CS#
SCLK
IO0
IO1
IO2
IO3
Phase
4
0
28
4
0
4
0
4
0
4
0
4
0
5
1
29
5
1
5
1
5
1
5
1
5
1
6
2
30
6
2
6
2
6
2
6
2
6
2
7
3
31
7
3
7
3
7
3
7
3
7
3
Instruct.
Address
Dummy
D1
D2
D3
D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com