Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 43 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 43 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 39Page - Cypress Semiconductor S70FS01GS Datasheet HTML 40Page - Cypress Semiconductor S70FS01GS Datasheet HTML 41Page - Cypress Semiconductor S70FS01GS Datasheet HTML 42Page - Cypress Semiconductor S70FS01GS Datasheet HTML 43Page - Cypress Semiconductor S70FS01GS Datasheet HTML 44Page - Cypress Semiconductor S70FS01GS Datasheet HTML 45Page - Cypress Semiconductor S70FS01GS Datasheet HTML 46Page - Cypress Semiconductor S70FS01GS Datasheet HTML 47Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 43 of 141
Note
: These are condensed tables that use a couple of sectors as references. There are address ranges that are not explicitly listed.
All 4 KB sectors have the pattern XXXX000h-XXXXFFFh. All 256KB sectors have the pattern XX00000h-XX3FFFFh, XX40000h-
XX7FFFFh, XX80000h-XXCFFFFh, or XXD0000h-XXFFFFFh.
7.3
ID-CFI Address Space
The RDID command (9Fh) reads information from a separate Flash memory address space for device identification (ID) and
Common Flash Interface (CFI) information. See Section 12.2 Device ID and Common Flash Interface (ID-CFI) Address Map
on page 119 for the tables defining the contents of the ID-CFI address space. The ID-CFI address space is programmed by Cypress
and read-only for the host system.
7.4
JEDEC JESD216 Serial Flash Discoverable Parameters (SFDP) Space.
The RSFDP command (5Ah) reads information from a separate Flash memory address space for device identification, feature, and
configuration information, in accord with the JEDEC JESD216 standard for Serial Flash Discoverable Parameters. The ID-CFI
address space is incorporated as one of the SFDP parameters. See Section 12.1 Serial Flash Discoverable Parameters (SFDP)
Address Map on page 116 for the tables defining the contents of the SFDP address space. The SFDP address space is
programmed by Cypress and read-only for the host system.
Table 7.2
S70FS01GS Sector Address Map, Top 4 KB Sectors
Sector Size (KByte)
Sector Count
Sector Range
Address Range (Byte
Address)
Notes
256
511
SA00
0000000h-003FFFFh
Sector Starting Address —
Sector Ending Address
::
SA510
07F80000h - 07FBFFFFh
224
1
SA511
07FC0000h -07FF7FFFh
48
SA512
07FF8000h-07FF8FFFh
::
SA519
07FFF000h-07FFFFFFh
Table 7.3
S70FS01GS Sector Address Map (Uniform Sectors)
Sector Size (KByte)
Sector Count
Sector Range
Address Range (Byte
Address)
Notes
256
512
SA00
00000000h-0003FFFFh
Sector Starting Address
—
Sector Ending Address
:
:
SA511
07FC0000h-07FFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com