Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 2Page - Cypress Semiconductor S70FS01GS Datasheet HTML 3Page - Cypress Semiconductor S70FS01GS Datasheet HTML 4Page - Cypress Semiconductor S70FS01GS Datasheet HTML 5Page - Cypress Semiconductor S70FS01GS Datasheet HTML 6Page - Cypress Semiconductor S70FS01GS Datasheet HTML 7Page - Cypress Semiconductor S70FS01GS Datasheet HTML 8Page - Cypress Semiconductor S70FS01GS Datasheet HTML 9Page - Cypress Semiconductor S70FS01GS Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 6 of 141
1.3
Glossary
BCD
= Binary Coded Decimal. A value in which each 4 bit nibble represents a decimal numeral.
Command
= All information transferred between the host system and memory during one period while CS# is low. This
includes the instruction (sometimes called an operation code or opcode) and any required address, mode bits, latency
cycles, or data.
DDP
= Dual Die Package = Two die stacked within the same package to increase the memory capacity of a single package.
Often also referred to as a Multi-Chip Package (MCP)
DDR
= Double Data Rate = When input and output are latched on every edge of SCK.
ECC
= ECC Unit = 16 byte aligned and length data groups in the main Flash array and OTP array, each of which has its
own hidden ECC syndrome to enable error correction on each group.
Flash
= the name for a type of Electrical Erase Programmable Read Only Memory (EEPROM) that erases large blocks of
memory bits in parallel, making the erase operation much faster than early EEPROM.
High
= a signal voltage level ≥ VIH or a logic level representing a binary one (“1”).
Instruction
= the 8 bit code indicating the function to be performed by a command (sometimes called an operation code or
opcode). The instruction is always the first 8 bits transferred from host system to the memory in any command.
Low
= a signal voltage level
 VIL or a logic level representing a binary zero (“0”).
LSB
= Least Significant Bit = Generally the right most bit, with the lowest order of magnitude value, within a group of bits of
a register or data value.
MSB
= Most Significant Bit = Generally the left most bit, with the highest order of magnitude value, within a group of bits of
a register or data value.
N/A
= Not Applicable. A value is not relevant to situation described.
Non-Volatile
= no power is needed to maintain data stored in the memory.
OPN
= Ordering Part Number = The alphanumeric string specifying the memory device type, density, package, factory non-
volatile configuration, etc. used to select the desired device.
Page
= 512 Byte or 256 Byte aligned and length group of data. The size assigned for a page depends on the Ordering Part
Number.
PCB
- Printed Circuit Board
Register Bit References = are in the format: Register_name[bit_number] or Register_name[bit_range_MSB:
bit_range_LSB]
SDR
= Single Data Rate = When input is latched on the rising edge and output on the falling edge of SCK.
Sector
= erase unit size; depending on device model and sector location this may be 4KBytes, 64KBytes or 256 KBytes
Write
= an operation that changes data within volatile or non-volatile registers bits or non-volatile Flash memory. When
changing non-volatile data, an erase and reprogramming of any unchanged non-volatile data is done, as part of the
operation, such that the non-volatile data is modified by the write operation, in the same way that volatile data is modified –
as a single operation. The non-volatile data appears to the host system to be updated by the single write command, without
the need for separate commands for erase and reprogram of adjacent, but unaffected data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com