Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 6Page - Cypress Semiconductor S70FS01GS Datasheet HTML 7Page - Cypress Semiconductor S70FS01GS Datasheet HTML 8Page - Cypress Semiconductor S70FS01GS Datasheet HTML 9Page - Cypress Semiconductor S70FS01GS Datasheet HTML 10Page - Cypress Semiconductor S70FS01GS Datasheet HTML 11Page - Cypress Semiconductor S70FS01GS Datasheet HTML 12Page - Cypress Semiconductor S70FS01GS Datasheet HTML 13Page - Cypress Semiconductor S70FS01GS Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 10 of 141
The WP# function is not available when the Quad mode is enabled (CR1V[1]=1). The WP# function is replaced by IO2 for input and
output during Quad mode for receiving addresses, and data to be programmed (values are latched on rising edge of the SCK signal)
as well as shifting out data (on the falling edge of SCK, in SDR commands, and on every edge of SCK, in DDR commands).
WP# has an internal pull-up resistance; when unconnected, WP# is at VIH and may be left unconnected in the host system if not
used for Quad mode or protection.
2.8
IO3 / RESET#
IO3 is used for input and output during Quad mode (CR1V[1]=1) for receiving addresses, and data to be programmed (values are
latched on rising edge of the SCK signal) as well as shifting out data (on the falling edge of SCK, in SDR commands, and on every
edge of SCK, in DDR commands).
The IO3 / RESET# signal may also be used to initiate the hardware reset function when the reset feature is enabled by writing
Configuration Register-2 non-volatile bit 5 (CR2V[5]=1). The input is only treated as RESET# when the device is not in Quad-I/O
mode, CR1V[1] = 0, or when CS# is high. When Quad I/O mode is in use, CR1V[1]=1, and the device is selected with CS# low, the
IO3 / RESET# is used only as IO3 for information transfer. When CS# is high, the IO3 / RESET# is not in use for information transfer
and is used as the RESET# input. By conditioning the reset operation on CS# high during Quad mode, the reset function remains
available during Quad mode.
When the system enters a reset condition, the CS# signal must be driven high as part of the reset process and the IO3 / RESET#
signal is driven low. When CS# goes high the IO3 / RESET# input transitions from being IO3 to being the RESET# input. The reset
condition is then detected when CS# remains high and the IO3 / RESET# signal remains low for tRP. If a reset is not intended, the
system is required to actively drive IO3 / Reset# to high along with CS# being driven high at the end of a transfer of data to the
memory. Following transfers of data to the host system, the memory will drive IO3 high during tCS. This will ensure that IO3 / Reset
is not left floating or being pulled slowly to high by the internal or an external passive pull-up. Thus, an unintended reset is not
triggered by the IO3 / RESET# not being recognized as high before the end of tRP.
The IO3 / RESET# signal is unused when the reset feature is disabled (CR2V[5]=0).
The IO3 / RESET# signal has an internal pull-up resistor and may be left unconnected in the host system if not used for Quad mode
or the reset function. The internal pull-up will hold IO3 / Reset high after the host system has actively driven the signal high and then
stops driving the signal.
Note that IO3 / Reset# cannot be shared by more than one SPI-MIO memory if any of them are operating in Quad I/O mode as IO3
being driven to or from one selected memory may look like a reset signal to a second non-selected memory sharing the same IO3 /
RESET# signal.
2.9
Voltage Supply (VDD)
VDD is the voltage source for all device internal logic. It is the single voltage used for all device internal functions including read,
program, and erase.
2.10
Supply and Signal Ground (VSS)
VSS is the common voltage drain and ground reference for the device core, input signal receivers, and output drivers.
2.11
Not Connected (NC)
No device internal signal is connected to the package connector nor is there any future plan to use the connector for a signal. The
connection may safely be used for routing space for a signal on a Printed Circuit Board (PCB).
2.12
Reserved for Future Use (RFU)
No device internal signal is currently connected to the package connector but there is potential future use of the connector. It is
recommended to not use RFU connectors for PCB routing channels so that the PCB may take advantage of future enhanced
features in compatible footprint devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com