Electronic Components Datasheet Search
  English  ▼

X  

S70FS01GS Datasheet(PDF) 70 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 70 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 66Page - Cypress Semiconductor S70FS01GS Datasheet HTML 67Page - Cypress Semiconductor S70FS01GS Datasheet HTML 68Page - Cypress Semiconductor S70FS01GS Datasheet HTML 69Page - Cypress Semiconductor S70FS01GS Datasheet HTML 70Page - Cypress Semiconductor S70FS01GS Datasheet HTML 71Page - Cypress Semiconductor S70FS01GS Datasheet HTML 72Page - Cypress Semiconductor S70FS01GS Datasheet HTML 73Page - Cypress Semiconductor S70FS01GS Datasheet HTML 74Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 70 of 141
4. ECC status may only be read from sectors that are readable. In read protection mode the addresses are forced to the
boot sector address. ECC status is only in that sector while read protection mode is active.
8.5
Recommended Protection Process
During system manufacture, the Flash device configuration should be defined by:
1. Programming the OTP configuration bits in CR1NV[5, 3:2], CR2NV, CR3NV, and CR4NV as desired.
2. Program the Secure Silicon Region (OTP area) as desired.
3. Program the PPB bits as desired via the PPBP command.
4. Program the Non-Volatile Data Learning Pattern (NVDLR) if it will be used in DDR read commands.
5. Program the Password register (PASS) if password protection will be used.
6. Program the ASP Register as desired, including the selection of the persistent or password ASP protection mode in
ASPR[2:1]. It is very important to explicitly select a protection mode so that later accidental or malicious programming of
the ASP register and OTP configuration is prevented. This is to ensure that only the intended OTP protection and
configuration features are enabled. While programming the ASPR register:
7. The RPME bit (ASPR[5]) may be used to select read password mode to use the password to control read access to most
of the array.
During system power up and boot code execution:
1. Trusted boot code can determine whether there is any need to program additional SSR (OTP area) information. If no SSR
changes are needed the FREEZE bit (CR1V[0]) can be set to 1 to protect the SSR from changes during the remainder of
normal system operation while power remains on.
2. If the persistent protection mode is in use, trusted boot code can determine whether there is any need to modify the
persistent (PPB) sector protection via the PPBP or PPBE commands. If no PPB changes are needed the PPBLOCK bit
can be cleared to 0 via the PPBL to protect the PPB bits from changes during the remainder of normal system operation
while power remains on.
3. The dynamic (DYB) sector protection bits can be written as desired via the DYBAR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com