Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9545 Datasheet HTML 30Page - Analog Devices AD9545 Datasheet HTML 31Page - Analog Devices AD9545 Datasheet HTML 32Page - Analog Devices AD9545 Datasheet HTML 33Page - Analog Devices AD9545 Datasheet HTML 34Page - Analog Devices AD9545 Datasheet HTML 35Page - Analog Devices AD9545 Datasheet HTML 36Page - Analog Devices AD9545 Datasheet HTML 37Page - Analog Devices AD9545 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 34 of 157
CLOCK OUTPUTS
AD9545
I
I
PLLx
+1.8V
QXY
QXYY
ISOURCE MODE
OUTxyP
OUTxyN
50
Ω
100
Ω
50
Ω
0.1µF
0.1µF
LVDS OR
LVPECL
RECEIVER
LVDS: USE 7.5mA DRIVER SETTING.
LVPECL: USE 15mA DRIVER SETTING.
Figure 31. LVDS-Compatible Output Swing, AC-Coupled (V p-p ≈ 375 mV per Section for I = 15 mA)
The output drivers of the AD9545 are capable of either sourcing
or sinking current. Each pin of an output pin pair (OUTxyP/
OUTxyN) has an independent current source. However, the
source or sink function applies to both current sources of an
output pin pair (that is, either both pin drivers source current
(ISOURCE)or both pin drivers sink current (ISINK)). The current
source (sink) of the individual driver is either on or off
depending on the logic level of the associated Qxy or Qxyy
divider (0 = off, 1 = on).
The Qxy divider has both normal and inverted logic outputs,
which means when the Qxy divider is connected to both output
drivers (as in Figure 31, for example), one current source is on
while the other is off, allowing a differential output signal. See
the Distribution Clock Output Drivers section for configuring
the clock output drivers.
AD9545
I
I
PLLx
+1.8V
QXY
QXYY
ISOURCE MODE
OUTxyP
OUTxyN
50
Ω
50
Ω
TO HCSL
RECEIVER
Figure 32. HCSL Output, V p-p ≈ 750 mV per Section (I = 15 mA)
AD9545
I
I
PLLx
QXY
QXYY
ISINK MODE
OUTxyP
OUTxyN
50
Ω
50
Ω
1.2V, 1.5V
OR 1.8V
Figure 33. CML Output (I = 7.5 mA; I = 15 mA Options for 1.5 V or 1.8 V
Supply)
AD9545
I
I
PLLx
QXY
QXYY
ISINK MODE
OUTxyP
OUTxyN
50
Ω
50
Ω
50
Ω
1.8V
10nF
RL
Figure 34. LVDS-Compatible Output, 1.24 V Common Mode, T Network
(I = 7.5 mA; I = 15 mA with Extra 100 Ω Termination, RL)
AD9545
I
I
PLLx
QXY
QXYY
ISINK MODE
OUTxyP
OUTxyN
1.8V
RL
63.4
Ω 237Ω
63.4
Ω 237Ω
Figure 35. LVDS-Compatible Output, 1.2 V Common-Mode, Thevenin Bias
Network (I = 7.5 mA; 15 mA with Extra 100 Ω Termination, RL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com